Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM485ARMZ Datasheet HTML 5Page - Analog Devices ADM485ARMZ Datasheet HTML 6Page - Analog Devices ADM485ARMZ Datasheet HTML 7Page - Analog Devices ADM485ARMZ Datasheet HTML 8Page - Analog Devices ADM485ARMZ Datasheet HTML 9Page - Analog Devices ADM485ARMZ Datasheet HTML 10Page - Analog Devices ADM485ARMZ Datasheet HTML 11Page - Analog Devices ADM485ARMZ Datasheet HTML 12Page - Analog Devices ADM485ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM485
Rev. F | Page 9 of 16
CH1 1.00VΩBW
CH2 1.00VΩBW
M5.00ns
CH3
2.64V
A
B
1,2
T
Figure 15. Unloaded Driver Differential Outputs
CH1 1.00VΩBW
CH2 500mVΩBW M5.00ns
CH3
2.74V
A
B
1,2
Figure 16. Loaded Driver Differential Outputs
CH1 1.00VΩBW
CH2 1.00VΩBW
CH3 5.00VΩBW
CH4 2.00VΩBW
M10.0ns
CH4
400mV
DI
A
B
RO
1,2
3
T
4
Figure 17. Driver/Receiver Propagation Delays, Low to High
CH1 1.00VΩBW
CH2 1.00VΩBW
CH3 5.00VΩBW
CH4 2.00VΩBW
M10.00ns
CH4
2.76V
DI
A
B
RO
1,2
3
T
4
Figure 18. Driver/Receiver Propagation Delays, High to Low
CH1 500mVΩ
CH2 500mVΩ
M10.00ns
CH4
2.76V
A
B
1,2
Figure 19. Driver Output at 30 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com