Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADM485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM485ARMZ Datasheet HTML 8Page - Analog Devices ADM485ARMZ Datasheet HTML 9Page - Analog Devices ADM485ARMZ Datasheet HTML 10Page - Analog Devices ADM485ARMZ Datasheet HTML 11Page - Analog Devices ADM485ARMZ Datasheet HTML 12Page - Analog Devices ADM485ARMZ Datasheet HTML 13Page - Analog Devices ADM485ARMZ Datasheet HTML 14Page - Analog Devices ADM485ARMZ Datasheet HTML 15Page - Analog Devices ADM485ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM485
Rev. F | Page 14 of 16
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN
Figure 33. 8-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body (N-8)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADM485AN
−40°C to +85°C
8-Lead PDIP
N-8
ADM485ANZ1
−40°C to +85°C
8-Lead PDIP
N-8
ADM485AR
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM485AR-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM485ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM485ARZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
ADM485ARM
−40°C to +85°C
8-Lead MSOP
RM-8
M41
ADM485ARM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
M41
ADM485ARM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
M41
ADM485ARMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
M41#
ADM485ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP
RM-8
M41#
ADM485ARMZ-REEL71
−40°C to +85°C
8-Lead MSOP
RM-8
M41#
ADM485JN
0°C to 70°C
8-Lead PDIP
N-8
ADM485JNZ1
0°C to 70°C
8-Lead PDIP
N-8
ADM485JR
0°C to 70°C
8-Lead SOIC_N
R-8
ADM485JR-REEL
0°C to 70°C
8-Lead SOIC_N
R-8
ADM485JR-REEL7
0°C to 70°C
8-Lead SOIC_N
R-8
ADM485JRZ1
0°C to 70°C
8-Lead SOIC_N
R-8
ADM485JRZ-REEL1
0°C to 70°C
8-Lead SOIC_N
R-8
ADM485JRZ-REEL71
0°C to 70°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part, # denotes RoHS compliant product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com