Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM485ARMZ Datasheet HTML 7Page - Analog Devices ADM485ARMZ Datasheet HTML 8Page - Analog Devices ADM485ARMZ Datasheet HTML 9Page - Analog Devices ADM485ARMZ Datasheet HTML 10Page - Analog Devices ADM485ARMZ Datasheet HTML 11Page - Analog Devices ADM485ARMZ Datasheet HTML 12Page - Analog Devices ADM485ARMZ Datasheet HTML 13Page - Analog Devices ADM485ARMZ Datasheet HTML 14Page - Analog Devices ADM485ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM485
Rev. F | Page 11 of 16
SWITCHING CHARACTERISTICS
3V
0V
B
A
0V
–VO
+VO
90% POINT
10% POINT
tR
tSKEW = tPLH – tPHL
1/2VO
tPLH
tPHL
1.5V
1.5V
90% POINT
10% POINT
tF
VO
Figure 26. Driver Propagation Delay, Rise/Fall Timing
DE
A, B
A, B
1.5V
2.3V
2.3V
tZH
tZL
1.5V
3V
0V
VOL
VOH
0V
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
Figure 27. Driver Enable/Disable Timing
A, B
RO
0V
tPLH
1.5V
0V
tPHL
1.5V
VOH
VOL
tSKEW = tPLH – tPHL
Figure 28. Receiver Propagation Delay
RE
RO
RO
1.5V
1.5V
1.5V
tZH
tZL
1.5V
3V
0V
VOL
VOH
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
OUTPUT LOW
OUTPUT HIGH
0V
Figure 29. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com