Electronic Components Datasheet Search
  English  ▼

X  

ADM485ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM485ARMZ Datasheet HTML 6Page - Analog Devices ADM485ARMZ Datasheet HTML 7Page - Analog Devices ADM485ARMZ Datasheet HTML 8Page - Analog Devices ADM485ARMZ Datasheet HTML 9Page - Analog Devices ADM485ARMZ Datasheet HTML 10Page - Analog Devices ADM485ARMZ Datasheet HTML 11Page - Analog Devices ADM485ARMZ Datasheet HTML 12Page - Analog Devices ADM485ARMZ Datasheet HTML 13Page - Analog Devices ADM485ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM485
Rev. F | Page 10 of 16
TEST CIRCUITS
VOD
VOC
R
R
Figure 20. Driver Voltage Measurement
VOD3
VTST
60Ω
375Ω
375Ω
Figure 21. Driver Voltage Measurement
RLDIFF
A
B
CL1
CL2
Figure 22. Driver Propagation Delay
0V OR 3V
DE IN
S2
S1
VOUT
RL
VCC
CL
A
B
DE
Figure 23. Driver Enable/Disable
A
VOUT
CL
B
RE
Figure 24. Receiver Propagation Delay
S2
S1
VCC
CL
VOUT
RE
REIN
+1.5V
–1.5V
RL
Figure 25. Receiver Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com