Electronic Components Datasheet Search
  English  ▼

X  

IP1203 Datasheet(PDF) 23 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 23 Page - International Rectifier

Back Button IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier IP1203 Datasheet HTML 18Page - International Rectifier IP1203 Datasheet HTML 19Page - International Rectifier IP1203 Datasheet HTML 20Page - International Rectifier IP1203 Datasheet HTML 21Page - International Rectifier IP1203 Datasheet HTML 22Page - International Rectifier IP1203 Datasheet HTML 23Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
www.irf.com
23
iP1203
This product has been designed and qualified for the industrial market.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice.04/05
The recommended reflow peak temperature is 220°C to 225°C. The total furnance time is approximately 5
minutes with approximately 10 seconds at the peak temperature.
Fig.28: Recommended Solder Profile and Stencil Design
SQUEEGEE VIEW
RECOMMENDED STENCIL OPENING
ALL DIMENSIONS IN INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com