Electronic Components Datasheet Search
  English  ▼

X  

IP1203 Datasheet(PDF) 3 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 3 Page - International Rectifier

  IP1203 Datasheet HTML 1Page - International Rectifier IP1203 Datasheet HTML 2Page - International Rectifier IP1203 Datasheet HTML 3Page - International Rectifier IP1203 Datasheet HTML 4Page - International Rectifier IP1203 Datasheet HTML 5Page - International Rectifier IP1203 Datasheet HTML 6Page - International Rectifier IP1203 Datasheet HTML 7Page - International Rectifier IP1203 Datasheet HTML 8Page - International Rectifier IP1203 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.irf.com
3
iP1203
Electrical Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
170
–––
230
kHz
RT = 48.7kΩ
Frequency
fSW
255
–––
345
kHz
RT = 30.9kΩ
340
–––
460
kHz
RT = 21.5kΩ
SYNC Frequency Range
fSYNC
480
–––
800
kHz
Free running frequency
set 20% below sync frequency
SYNC Pulse Duration
tSYNC
–––
200
–––
ns
SYNC, High Level
Threshold Voltage
2
–––
–––
V
SYNC, Low Level
Threshold Voltage
–––
–––
0.8
V
VIN Quiescent Current
IIN-LEAKAGE
–––
25
35
mA
VIN = 12V
Thermal Shutdown
Tempshdn
–––
140
–––
°C
Max Duty Cycle
DMAX
85
–––
–––
%
fSW= 200kHz, TBLK = 25°C
VIN Undervoltage Lockout
Threshold Voltage
VIN-UVLO
–––
4.5
–––
V
VIN ramping up to 12V
VIN Undervoltage Lockout
Hysteresis
VIN-UVLO HYST
–––
0.25
–––
V
VIN ramp up and ramp down
Output Disable Voltage Soft
Start Low Threshold Voltage
VSS-DIS
–––
–––
0.25
V
SS Pin Pulled Low
Input Voltage Slew Rate
VIN-SLEW
–––
–––
50
mV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com