Electronic Components Datasheet Search
  English  ▼

X  

IP1203 Datasheet(PDF) 16 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1203 Datasheet HTML 12Page - International Rectifier IP1203 Datasheet HTML 13Page - International Rectifier IP1203 Datasheet HTML 14Page - International Rectifier IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier IP1203 Datasheet HTML 18Page - International Rectifier IP1203 Datasheet HTML 19Page - International Rectifier IP1203 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.irf.com
16
iP1203
R
2
10
Vref
Vo - Vref
More than one iteration may be required to calculate
the values of the compensation components if cross-
over frequencies higher than the range specified in
step 1 are required (for higher bandwidths and faster
transient response performance). To ensure stability
a phase margin greater than 45° shouldbe achieved.
Refer to AN-1043 for more detailed compensation
techniques using Transconductance Amplifiers.
7. Place the second pole f
p2 at or near fesr of the out-
put capacitor C
o and determine the value of R21 from
equation (19). Make sure R
21 <
8. Use equation (24) to calculate R
5.
R
5 = R2 x
(24)
The crossover frequency f
0 for Type III compensa-
tion is represented by equation (23):
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
2. Select R
20~ 10kΩ
3. Place the first zero f
z1 at 75% of the resonant fre-
quency f
LC of the output filter.
Determine C
9 from equation (21).
4. Place a third pole f
P3 at or near the switching fre-
quency f
SW.
Select C7 such that C
7 <
5. Calculate C
8 from equation (23).
6. Place the second zero at 125% of the resonant
frequency f
LC of the output filter. Calculate R2 using
equation (22).
10
9
C
The frequencies of the three poles and the two zeros
of the Type III compensation scheme are represented
by the following equations:
f
p1= 0
(18)
(19)
(21)
(20)
8
21
2
2
1
C
R
f
p
×
×
=
π
7
20
3
2
1
C
R
f
p
×
×
=
π
9
20
1
2
1
C
R
f
z
×
×
=
π
8
2
2
2
1
C
R
f
z
×
×
=
π
0
0
8
20
0
2
1
1
C
L
C
R
V
V
f
IN
ramp
×
×
×
×
×
×
=
π
(22)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com