Electronic Components Datasheet Search
  English  ▼

X  

IP1203 Datasheet(PDF) 15 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 15 Page - International Rectifier

Back Button IP1203 Datasheet HTML 11Page - International Rectifier IP1203 Datasheet HTML 12Page - International Rectifier IP1203 Datasheet HTML 13Page - International Rectifier IP1203 Datasheet HTML 14Page - International Rectifier IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier IP1203 Datasheet HTML 18Page - International Rectifier IP1203 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
www.irf.com
15
iP1203
3. Place a zero at 75% of f
LC to cancel one of the LC
filter poles.
o
o
z
C
L
f
×
×
=
π
2
1
75
.
0
4. Calculate C
9 using equations (12) and (14)
Calculation of the compensation components based
on the example above, yields:
f
LC = 5.0kHz
f
z = 3.8kHz
f
0 = 45kHz (15% of 300kHz)
f
esr = 14kHz, per equation (7) using Resr = 12mΩ.
R
19 = 2.49K
C
9 = 18nF
Sometimes, a pole f
p2 is added at half the switching
frequency to filter the switching noise. This is done
by adding a capacitor C
opt in Fig.15 from the output of
the error amplifier (CC pin of iP1203) to ground. This
pole is given by equation (15):
C
opt is found from equation (16) by rearranging the
terms in equation (15) and by setting f
p2 = fsw / 2:
(16)
Fig. 16: Typical Type III Compensation and its Gain
Plot
Type III
The Type III compensation scheme allows the use of
any type of capacitors with ESR frequency of any
range. This scheme suggests a double pole double
zero compensation and requires more components
around the error amplifier to achieve the desired gain
and phase margins. Fig. 13 represents the Type III
compensation network for iP1203.
The transfer function of the Type III compensator is
given by equation (17)
2. Calculate R
5 using equation (13):
Where,
V
IN = Maximum input voltage
f
0 = Error amplifier zero crossover frequency
f
esr= Output capacitor Co zero frequency
f
LC = Output frequency resonant filter
g
m= Error amplifier transconductance. Use 2mS for
g
m.
V
ramp = Oscillator ramp voltage.
Use 1.25V for V
ramp
(14)
(13)
(15)
opt
p
C
R
f
×
×
=
19
2
2
1
π
19
2
2
1
R
f
C
p
opt
×
×
=
π
)
1
(
)
1
(
)
1
(
)
1
(
1
)
(
8
21
7
20
8
2
9
20
9
2
C
sR
C
sR
C
sR
C
sR
C
sR
s
H
+
×
+
+
×
+
×
=
(17)
Magnitude(dB)
Frequency
FZ1
H(s) dB
FZ2 FP2 FP3
C6
R2
R5
E/A1
Vout
FB
V
CC
iP1203
R20
C9
C7
R21
C8
REF
m
LC
esr
in
ramp
g
R
R
R
f
f
f
V
V
R
1
1
5
2
5
2
0
19
×
+
×
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com