Electronic Components Datasheet Search
  English  ▼

X  

IP1203 Datasheet(PDF) 14 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1203 Datasheet HTML 10Page - International Rectifier IP1203 Datasheet HTML 11Page - International Rectifier IP1203 Datasheet HTML 12Page - International Rectifier IP1203 Datasheet HTML 13Page - International Rectifier IP1203 Datasheet HTML 14Page - International Rectifier IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier IP1203 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.irf.com
14
iP1203
Control Loop Compensation
The iP1203 feedback control is based on single loop
voltage mode control principle.
The goal in the design of the compensator is to
achieve the highest unity gain (0 db) crossover fre-
quency with sufficient phase margin for the closed
loop transfer function. The LC filter of the power sup-
ply introduces a double pole with –40db/dec slope
and 180° phase lag. The 180° phase contribution from
the LC filter is the source of instabilty.
The resonant frequency of the LC filter is expressed
by equation (9):
(9)
The error amplifier of the iP1203 PWM controller is
transconductance amplifier, and its output is avail-
able for external compensation.
Two types of compensators are studied in this sec-
tion. The first one is called Type II and it is used to
compensate systems the ESR frequency f
esr (equa-
tion 7) of which is in the midfrequency range and Type
III that can be used for any type of output capacitors
and have a wide range of f
esr.
For output voltage settings less than 1.0V that use
low ESR ceramic capacitors, it is recommended that
the unity gain crossover frequency be set around
20kHz to maintain stable operation.
where, g
m is the transconductance of the error am-
plifier.
(12)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the
range of 10% to 20% of the switching frequency f
sw.
)
(2
/
1
0
0
C
L
f
LC
×
=
π
Type II
From Fig.15 the transfer function H(s) of the error
amplifier is given by (10):
(10)
The term s represents the frequency dependence of
the transfer function.
The Type II controller introduces a gain and a zero
expressed by equations (11) and (12):
9
19
9
19
2
5
5
1
)
(
C
sR
C
sR
R
R
R
g
s
H
m
+
×
+
×
=
9
19
2
1
C
R
f
z
×
×
=
π
Magnitude(dB)
Frequency
FZ
H(s) dB
C6
R2
R5
E/A1
Vout
FB
V
CC
iP1203
C9
R19
(Optional)
REF
Fig. 15: Typical Type II Compensation and its Gain
Plot
(11)
19
2
5
5
)
(
R
R
R
R
g
s
H
m
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com