Electronic Components Datasheet Search
  English  ▼

X  

LTC3313EVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3313EVPBF Datasheet HTML 2Page - Analog Devices LTC3313EVPBF Datasheet HTML 3Page - Analog Devices LTC3313EVPBF Datasheet HTML 4Page - Analog Devices LTC3313EVPBF Datasheet HTML 5Page - Analog Devices LTC3313EVPBF Datasheet HTML 6Page - Analog Devices LTC3313EVPBF Datasheet HTML 7Page - Analog Devices LTC3313EVPBF Datasheet HTML 8Page - Analog Devices LTC3313EVPBF Datasheet HTML 9Page - Analog Devices LTC3313EVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3313
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Feedback Reference Voltage
Switch-On Resistance vs VIN
Switch-On Resistance
Switch Leakage
Default Switching Frequency
VIN UVLO Threshold
Switching Frequency
Soft-Start Current
EN Pin Thresholds
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
495
496
497
498
499
500
501
502
503
504
505
3313 G09
PMOS
NMOS
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
2
4
6
8
10
12
14
16
3313 G10
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
2
4
6
8
10
12
14
16
3313 G11
PMOS
NMOS
TEMPERATURE (°C)
25
50
75
100
125
150
–1
2
5
8
11
14
17
20
23
26
3313 G12
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
3313 G13
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.8
1.9
2.0
2.1
2.2
2.3
2.4
3313 G14
RT = 274k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
3313 G15
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
340
350
360
370
380
390
400
410
3313 G16
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
3313 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com