Electronic Components Datasheet Search
  English  ▼

X  

LTC3313EVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3313EVPBF Datasheet HTML 12Page - Analog Devices LTC3313EVPBF Datasheet HTML 13Page - Analog Devices LTC3313EVPBF Datasheet HTML 14Page - Analog Devices LTC3313EVPBF Datasheet HTML 15Page - Analog Devices LTC3313EVPBF Datasheet HTML 16Page - Analog Devices LTC3313EVPBF Datasheet HTML 17Page - Analog Devices LTC3313EVPBF Datasheet HTML 18Page - Analog Devices LTC3313EVPBF Datasheet HTML 19Page - Analog Devices LTC3313EVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC3313
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The phasing of a slave phase relative to the master phase
is programmed with a resistor divider on the RT pin. Use
of 1% resistors is recommended. See Table 5 and Figure 2
for more information.
Table 5. LTC3313 Programming Slave Phase Angle
SYNC
PHASE
ANGLE
R3
VALUE
R4
VALUE
R3
EXAMPLE
R4
EXAMPLE
0°
0Ω
None
0Ω
None
90°
3 • R
R
301k
100k
120°
7 • R
5 • R
243k
174k
180°
None
0Ω
None
0Ω
240°
5 • R
7 • R
174k
243k
270°
R
3 • R
100k
301k
When configured for master/slave operation, the slave
phases operate in forced continuous mode.
Figure 2.
LTC3313
VIN
RT
FB
3313 F02
R4
R3
AGND
Phase Programming
Mode of Operation
For most configurations, the LTC3313 operates in forced
continuous mode. While in forced continuous mode, reg-
ulation at low currents is achieved by allowing negative
inductor current. Switching cycles are not skipped.
The LTC3313 operates in pulse-skipping mode when both
the RT and MODE/SYNC pins are connected to VIN. In this
mode, the switching frequency is set with the nominal
2MHz internal clock. While in pulse-skipping mode nega-
tive current is disallowed and regulation at low currents
is achieved by skipping switching cycles.
Table 6. LTC3313 Single-Phase Configuration
RT PIN
CONNECTION
MODE/SYNC PIN
CONNECTION
MODE OF
OPERATION
SWITCHING
FREQUENCY
VIN
Clock Input
Forced
Continuous
External Clock
VIN
AGND
Forced
Continuous
2MHz Default
VIN
VIN
Pulse-
Skipping
2MHz Default
Resistor to AGND
Clock Output
Forced
Continuous
RT-Programmed
Synchronization
To synchronize the LTC3313 oscillator to an external fre-
quency, configure the MODE/SYNC pin as an input by con-
necting the RT pin to VIN. Drive the MODE/SYNC pin with a
square wave in the frequency range of 500kHz to 2.25MHz
with an amplitude swinging above 1.2V and below 0.4V,
and a pulse width greater than 40ns.
The LTC3313 phase-locked loop (PLL) will synchronize the
internal oscillator to the clock applied to the MODE/SYNC
pin. At start up, before the LTC3313 recognizes the external
clock applied to MODE/SYNC, the LTC3313 will switch at its
default frequency of 2MHz. Once the externally applied clock
is recognized, the switching frequency will gradually transi-
tion from the default frequency to the applied frequency. If the
external clock is removed, the LTC3313 will slowly transition
back to the default frequency.
The LTC3313 operates in forced continuous mode during
synchronization. An internal 200k resistor from the MODE/
SYNC pin to AGND allows the MODE/SYNC pin to be left
floating.
Transient Response and Loop Compensation
When determining the compensation components, CFF,
RC, and CC, control loop stability and transient response
are the two main considerations.
The LTC3313 has been designed to operate at a high band-
width for fast transient response capability. Operating at
a high loop bandwidth reduces the output capacitance
required to meet transient response requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com