Electronic Components Datasheet Search
  English  ▼

X  

LTC3313EVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3313EVPBF Datasheet HTML 14Page - Analog Devices LTC3313EVPBF Datasheet HTML 15Page - Analog Devices LTC3313EVPBF Datasheet HTML 16Page - Analog Devices LTC3313EVPBF Datasheet HTML 17Page - Analog Devices LTC3313EVPBF Datasheet HTML 18Page - Analog Devices LTC3313EVPBF Datasheet HTML 19Page - Analog Devices LTC3313EVPBF Datasheet HTML 20Page - Analog Devices LTC3313EVPBF Datasheet HTML 21Page - Analog Devices LTC3313EVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC3313
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
conditions. The VIN(EN) threshold prevents the regulator
from operating at source voltages where problems may
occur. This threshold can be adjusted by setting the values
R1 and R2 such that they satisfy the following equation:
VIN EN
( ) =
R1
R2
+1
⎛
⎝
⎜
⎞
⎠
⎟ • 400mV
(9)
where the LTC3313 will remain off until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching
will not stop until the input falls slightly below VIN(EN).
Alternatively, a resistor divider from an output of
another regulator to the enable pin of the LTC3313 pro-
vides event-based power-up sequencing, enabling the
LTC3313 when the output of the other regulator reaches
a predetermined level.
Output Voltage Tracking and Soft-Start
The LTC3313 allows the user to program its output volt-
age ramp rate by means of the SSTT pin.
An internal 10μA pulls up the SSTT pin. Putting an external
capacitor on SSTT enables soft-starting the output to pre-
vent current surge on the input supply and output voltage
overshoot. During the soft-start ramp, the output voltage
will proportionally track the SSTT pin voltage. When the
soft-start is complete, the pin will servo to a voltage propor-
tional to the LTC3313 junction temperature. See Figure 3
showing the SSTT pin operating range.
The soft-start time is calculated as follows:
tSS = CSS •
500mV
10µA
(10)
For output tracking applications, SSTT can be externally
driven by another voltage source. From 0V to 0.5V, the
SSTT voltage will override the internal 0.5V reference
input to the error amplifier, thus regulating the FB pin
voltage to that of the SSTT pin. When SSTT is above 0.5V,
tracking is disabled and the feedback voltage will regulate
to the internal reference voltage.
An active pull-down circuit is connected to the SSTT pin
to discharge the external soft-start capacitor in the case
of fault conditions. The ramp will restart when the fault is
cleared. Fault conditions that clear the soft-start capacitor
are the EN pin transitioning low, VIN voltage falling too
low, or thermal shutdown.
Temperature Monitor
Once the soft-start cycle has completed and the output
power good flag thrown, the SSTT pin reports the die
junction temperature. The LTC3313 regulates the SSTT
pin to a voltage proportional to the junction temperature.
While reporting the temperature, the SSTT voltage is not
valid below 1V. The junction temperature is calculated
with Equation 11.
TJ (°C)=
VSSTT
4mV
– 273
(11)
The following procedure is used for a more accurate mea-
surement of the junction temperature:
1. Measure the ambient temperature TA.
2. Measure the SSTT voltage while in pulse-skipping
mode with the VOUT pulled up slightly higher than the
regulated VOUT.
3. Calculate the slope of the temperature sensing circuit
with Equation 12.
Slope (mV /
°C)=
VSSTT
TA +273
(12)
4. Calculate the junction temperature with the new cali-
brated slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com