Electronic Components Datasheet Search
  English  ▼

X  

LTC3313EVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3313EVPBF Datasheet HTML 8Page - Analog Devices LTC3313EVPBF Datasheet HTML 9Page - Analog Devices LTC3313EVPBF Datasheet HTML 10Page - Analog Devices LTC3313EVPBF Datasheet HTML 11Page - Analog Devices LTC3313EVPBF Datasheet HTML 12Page - Analog Devices LTC3313EVPBF Datasheet HTML 13Page - Analog Devices LTC3313EVPBF Datasheet HTML 14Page - Analog Devices LTC3313EVPBF Datasheet HTML 15Page - Analog Devices LTC3313EVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC3313
12
Rev. 0
For more information www.analog.com
OPERATION
Soft-Start/Tracking/Temperature Monitor
The soft-start tracking function facilitates supply sequenc-
ing, limits VIN inrush current, and reduces start-up output
overshoot. When soft-start is completed, the SSTT pin
parks itself at a voltage representative of the LTC3313
die junction temperature. The SSTT capacitor is reset
during shutdown, VIN UVLO, and thermal shutdown. See
Applications Information section.
Dropout Operation
As the input supply voltage approaches the output volt-
age, the duty cycle increases. Further reduction of the
supply voltage forces the main switch to remain on for
more than one cycle, eventually reaching 100% duty
cycle. The output voltage will then be determined by the
input voltage minus the DC voltage drop across the inter-
nal main P-channel MOSFET and the inductor.
In many designs when the input voltage approaches the
output voltage, the amplitude of the output ripple volt-
age increases from its normally low value. To avoid any
increase in output ripple voltage under these conditions,
it is recommended to utilize a resistor divider on the EN
input and limit the VIN turn-on and turn-off thresholds to
where the output ripple voltage is acceptable for the given
application (typically 500mV above VOUT).
Low Supply Operation
The LTC3313 is designed to operate down to an input
supply voltage of 2.25V. An important thermal design
consideration is that the RDS(ON)s of the power switches
increase at low VIN. Calculate the worst case LTC3313
power dissipation and die junction temperature at the low-
est input voltages.
Output Short-Circuit Protection and Recovery
The peak inductor current level, at which the current com-
parator shuts off the top power switch, is controlled by the
voltage on the ITH pin. If the output current increases, the
error amplifier raises the ITH pin voltage until the average
inductor current matches the load current. The LTC3313
clamps the maximum ITH pin voltage, thereby limiting the
peak inductor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly during a single switching cycle
because the voltage across the inductor is low. To keep
the inductor current in control, a secondary limit is
imposed on the valley of the inductor current. If the induc-
tor current measured through the bottom power switch is
greater than the IVALLEY(MAX), the top power switch will
be held off. Subsequent switching cycles will be skipped
until the inductor current is reduced below IVALLEY(MAX).
Recovery from an output short circuit goes through a
soft-start cycle. When VOUT goes below regulation, as
defined by the PGOOD threshold, the SSTT voltage is
pulled to a voltage just above the FB voltage. Because
the SSTT pin is pulled low, a soft-start cycle is initiated
once the output short is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com