Electronic Components Datasheet Search
  English  ▼

X  

LTC3313EVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3313EVPBF Datasheet HTML 11Page - Analog Devices LTC3313EVPBF Datasheet HTML 12Page - Analog Devices LTC3313EVPBF Datasheet HTML 13Page - Analog Devices LTC3313EVPBF Datasheet HTML 14Page - Analog Devices LTC3313EVPBF Datasheet HTML 15Page - Analog Devices LTC3313EVPBF Datasheet HTML 16Page - Analog Devices LTC3313EVPBF Datasheet HTML 17Page - Analog Devices LTC3313EVPBF Datasheet HTML 18Page - Analog Devices LTC3313EVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC3313
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
capacitors are recommended for best performance across
temperature and input voltage variations. Note that larger
input capacitance is required when a lower switching fre-
quency is used. For high frequency applications, adding two
small capacitors close to the part is also recommended. If
the input power source has high impedance, or if there is
significant inductance due to long wires or cables, additional
bulk capacitance may be necessary. This can be provided with
a low performance electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If the LTC3313 circuit is plugged into a live supply,
the input voltage can ring to twice its nominal value, pos-
sibly exceeding the LTC3313’s voltage rating. This situ-
ation is easily avoided (see Analog Devices Application
Note 88). Table 3 provides a list of recommended capaci-
tor manufacturers.
Table 3. Ceramic Capacitor Manufacturers
VENDOR
URL
Kyocera AVX
www.kyocera-avx.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Samsung
www.samsungsem.com
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave, generated by
the LTC3313, to produce the DC output. In this role it deter-
mines the output ripple, thus, low impedance at the switch-
ing frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LTC3313’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance.
X5R or X7R type capacitors will provide low output ripple
and good transient response. Transient performance is
improved with a higher value output capacitor and the addi-
tion of a feedforward capacitor placed between VOUT and
FB. Increasing the output capacitance will also decrease
the output voltage ripple. A lower value of output capacitor
saves space and cost but transient performance will suffer
and may cause loop instability. See the Typical Applications
in this data sheet for suggested capacitor values.
Multiphase Operation
The LTC3313 is easily configurable for multiphase opera-
tion. See Table 4.
Connecting the RT pin of the master phase to a resistor to
AGND programs the frequency and configures the MODE/
SYNC pin to become clock output used to drive the MODE/
SYNC pin of the slave phase(s).
Connecting the RT pin of the master phase to VIN con-
figures the MODE/SYNC pin to become an input capable
of accepting an external clock. The switching frequency
defaults to the nominal 2MHz internal frequency when
the external clock is unavailable, such as during start-up.
Connecting the FB pin to VIN configures a phase as a
slave. The MODE/SYNC becomes an input and the voltage
control loop is disabled. The slave phase current control
loop is still active and the peak current is controlled via the
shared ITH node. Careful consideration should be taken
when routing the ITH node between phases. Routing the
ITH and AGND nodes together is recommended to create
a low inductance path. See the multiphase demo board
PCB layout documentation as an example.
Connecting the PGOOD pins together and adding an
external pull-up resistor allows the master phase to com-
municate with the slave phases on when start-up has
been completed.
Table 4. LTC3313 Multiphase Configuration
MASTER/SLAVE
RT PIN
FB PIN
MODE/SYNC PIN
SWITCHING FREQUENCY (fSW)
Master
VIN
VOUT Divider
Clock Input
External Clock/2MHz Default
Master
Resistor to AGND
VOUT Divider
Clock Output
RT-Programmed
Slave
VIN Divider
VIN
Clock Input
External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com