Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC860EC
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860EC Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC860EC Datasheet HTML 1Page - NXP Semiconductors MPC860EC Datasheet HTML 2Page - NXP Semiconductors MPC860EC Datasheet HTML 3Page - NXP Semiconductors MPC860EC Datasheet HTML 4Page - NXP Semiconductors MPC860EC Datasheet HTML 5Page - NXP Semiconductors MPC860EC Datasheet HTML 6Page - NXP Semiconductors MPC860EC Datasheet HTML 7Page - NXP Semiconductors MPC860EC Datasheet HTML 8Page - NXP Semiconductors MPC860EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
2
Freescale Semiconductor
Overview
1
Overview
The MPC860 power quad integrated communications controller (PowerQUICC™) is a versatile one-chip
integrated microprocessor and peripheral combination designed for a variety of controller applications. It
particularly excels in communications and networking systems. The PowerQUICC unit is referred to as
the MPC860 in this hardware specification.
The MPC860 implements Power Architecture™ technology and contains a superset of Freescale’s
MC68360 quad integrated communications controller (QUICC), referred to here as the QUICC, RISC
communications proccessor module (CPM). The CPU on the MPC860 is a 32-bit core built on Power
Architecture technology that incorporates memory management units (MMUs) and instruction and data
caches.. The CPM from the MC68360 QUICC has been enhanced by the addition of the inter-integrated
controller (I2C) channel. The memory controller has been enhanced, enabling the MPC860 to support any
type of memory, including high-performance memories and new types of DRAMs. A PCMCIA socket
controller supports up to two sockets. A real-time clock has also been integrated.
Table 1 shows the functionality supported by the MPC860 family.
Table 1. MPC860 Family Functionality
Part
Cache (Kbytes)
Ethernet
ATM
SCC
Reference1
1 Supporting documentation for these devices refers to the following:
1. MPC860 PowerQUICC Family User’s Manual (MPC860UM, Rev. 3)
2. MPC855T User’s Manual (MPC855TUM, Rev. 1)
Instruction
Cache
Data Cache
10T
10/100
MPC860DE
4
4
Up to 2
—
—
2
1
MPC860DT
4
4
Up to 2
1
Yes
2
1
MPC860DP
16
8
Up to 2
1
Yes
2
1
MPC860EN
4
4
Up to 4
—
—
4
1
MPC860SR
4
4
Up to 4
—
Yes
4
1
MPC860T
4
4
Up to 4
1
Yes
4
1
MPC860P
16
8
Up to 4
1
Yes
4
1
MPC855T
4411
Yes
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com