Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC860EC
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860EC Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC860EC Datasheet HTML 1Page - NXP Semiconductors MPC860EC Datasheet HTML 2Page - NXP Semiconductors MPC860EC Datasheet HTML 3Page - NXP Semiconductors MPC860EC Datasheet HTML 4Page - NXP Semiconductors MPC860EC Datasheet HTML 5Page - NXP Semiconductors MPC860EC Datasheet HTML 6Page - NXP Semiconductors MPC860EC Datasheet HTML 7Page - NXP Semiconductors MPC860EC Datasheet HTML 8Page - NXP Semiconductors MPC860EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
3
Features
2Features
The following list summarizes the key MPC860 features:
•
Embedded single-issue, 32-bit core (implementing the Power Architecture technology) with
thirty-two 32-bit general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch without conditional execution.
— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1)
– 16-Kbyte instruction caches are four-way, set-associative with 256 sets; 4-Kbyte instruction
caches are two-way, set-associative with 128 sets.
– 8-Kbyte data caches are two-way, set-associative with 256 sets; 4-Kbyte data caches are
two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word)
cache blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement
algorithm, and are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully-associative instruction, and data TLBs
— MMUs support multiple page sizes of 4-, 16-, and 512-Kbytes, and 8-Mbytes; 16 virtual
address spaces and 16 protection groups
— Advanced on-chip-emulation debug mode
•
Up to 32-bit data bus (dynamic bus sizing for 8, 16, and 32 bits)
•
32 address lines
•
Operates at up to 80 MHz
•
Memory controller (eight banks)
— Contains complete dynamic RAM (DRAM) controller
— Each bank can be a chip select or RAS to support a DRAM bank.
— Up to 15 wait states programmable per memory bank
— Glueless interface to DRAM, SIMMS, SRAM, EPROM, Flash EPROM, and other memory
devices
— DRAM controller programmable to support most size and speed memory interfaces
— Four CAS lines, four WE lines, and one OE line
— Boot chip-select available at reset (options for 8-, 16-, or 32-bit memory)
— Variable block sizes (32 Kbytes to 256 Mbytes)
— Selectable write protection
— On-chip bus arbitration logic
•
General-purpose timers
— Four 16-bit timers or two 32-bit timers
— Gate mode can enable/disable counting
— Interrupt can be masked on reference match and event capture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com