Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC860EC
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860EC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC860EC Datasheet HTML 39Page - NXP Semiconductors MPC860EC Datasheet HTML 40Page - NXP Semiconductors MPC860EC Datasheet HTML 41Page - NXP Semiconductors MPC860EC Datasheet HTML 42Page - NXP Semiconductors MPC860EC Datasheet HTML 43Page - NXP Semiconductors MPC860EC Datasheet HTML 44Page - NXP Semiconductors MPC860EC Datasheet HTML 45Page - NXP Semiconductors MPC860EC Datasheet HTML 46Page - NXP Semiconductors MPC860EC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
43
CPM Electrical Characteristics
11 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module
(CPM) of the MPC860.
11.1
PIP/PIO AC Electrical Specifications
Table 14 provides the PIP/PIO AC timings as shown in Figure 39 through Figure 43.
Figure 39. PIP Rx (Interlock Mode) Timing Diagram
Table 14. PIP/PIO Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
21
Data-in setup time to STBI low
0
—
ns
22
Data-in hold time to STBI high
2.5 – t31
1 t3 = Specification 23.
—CLK
23
STBI pulse width
1.5
—
CLK
24
STBO pulse width
1 CLK – 5 ns
—
ns
25
Data-out setup time to STBO low
2
—
CLK
26
Data-out hold time from STBO high
5
—
CLK
27
STBI low to STBO low (Rx interlock)
—
2
CLK
28
STBI low to STBO high (Tx interlock)
2
—
CLK
29
Data-in setup time to clock high
15
—
ns
30
Data-in hold time from clock high
7.5
—
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
—
25
ns
DATA-IN
STBI
23
24
22
STBO
27
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com