Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC860EC
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860EC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC860EC Datasheet HTML 35Page - NXP Semiconductors MPC860EC Datasheet HTML 36Page - NXP Semiconductors MPC860EC Datasheet HTML 37Page - NXP Semiconductors MPC860EC Datasheet HTML 38Page - NXP Semiconductors MPC860EC Datasheet HTML 39Page - NXP Semiconductors MPC860EC Datasheet HTML 40Page - NXP Semiconductors MPC860EC Datasheet HTML 41Page - NXP Semiconductors MPC860EC Datasheet HTML 42Page - NXP Semiconductors MPC860EC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
39
Bus Signal Timing
Table 12 shows the reset timing for the MPC860.
Table 12. Reset Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
R69
CLKOUT to HRESET high impedance
—
20.00
—
20.00
—
20.00
—
20.00
ns
R70
CLKOUT to SRESET high impedance
—
20.00
—
20.00
—
20.00
—
20.00
ns
R71
RSTCONF pulse width
515.15
—
425.00
340.00
—
257.58
—
ns
R72
—
————————
R73
Configuration data to HRESET rising edge
setup time
504.55
—
425.00
—
350.00
—
277.27
—
ns
R74
Configuration data to RSTCONF rising
edge setup time
350.00
—
350.00
—
350.00
—
350.00
—
ns
R75
Configuration data hold time after
RSTCONF negation
0.00
—
0.00
—
0.00
—
0.00
—
ns
R76
Configuration data hold time after
HRESET negation
0.00
—
0.00
—
0.00
—
0.00
—
ns
R77
HRESET and RSTCONF asserted to data
out drive
—
25.00
25.00
—
25.00
—
25.00
ns
R78
RSTCONF negated to data out high
impedance
—
25.00
—
25.00
—
25.00
—
25.00
ns
R79
CLKOUT of last rising edge before chip
three-state HRESET to data out high
impedance
—
25.00
—
25.00
—
25.00
—
25.00
ns
R80
DSDI, DSCK setup
90.91
—
75.00
—
60.00
—
45.45
—
ns
R81
DSDI, DSCK hold time
0.00
—
0.00
—
0.00
—
0.00
—
ns
R82
SRESET negated to CLKOUT rising edge
for DSDI and DSCK sample
242.42
—
200.00
—
160.00
—
121.21
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com