Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPC860EC
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860EC Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPC860EC Datasheet HTML 69Page - NXP Semiconductors MPC860EC Datasheet HTML 70Page - NXP Semiconductors MPC860EC Datasheet HTML 71Page - NXP Semiconductors MPC860EC Datasheet HTML 72Page - NXP Semiconductors MPC860EC Datasheet HTML 73Page - NXP Semiconductors MPC860EC Datasheet HTML 74Page - NXP Semiconductors MPC860EC Datasheet HTML 75Page - NXP Semiconductors MPC860EC Datasheet HTML 76Page - NXP Semiconductors MPC860EC Datasheet HTML 77Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
76
Freescale Semiconductor
Document Revision History
15 Document Revision History
Table 35 lists significant changes between revisions of this hardware specification.
Table 35. Document Revision History
Revision
Date
Changes
10
09/2015
In Table 34, moved MPC855TCVR50D4 and MPC855TCVR66D4 under the extended
temperature (–40
° to 95°C) and removed MC860ENCVR50D4R2 from the normal
temperature Tape and Reel.
9
10/2011
Updated orderable part numbers in Table 34, “MPC860 Family Package/Frequency
Availability.”
8
08/2007
• Updated template.
• On page 1, added a second paragraph.
• After Table 2, inserted a new figure showing the undershoot/overshoot voltage
(Figure 1) and renumbered the rest of the figures.
•In Figure 3, changed all reference voltage measurement points from 0.2 and 0.8 V to
50% level.
•In Table 16, changed num 46 description to read, “TA assertion to rising edge ...”
•In Figure 46, changed TA to reflect the rising edge of the clock.
7.0
9/2004
• Added a tablefootnote to Table 6 DC Electrical Specifications about meeting the VIL
Max of the I2C Standard
• Replaced the thermal characteristics in Table 4 by the ZQ package
• Add the new parts to the Ordering and Availablity Chart in Table 34
• Added the mechanical spec of the ZQ package in Figure 78
• Removed all of the old revisions from Table 5
6.3
9/2003
• Added Section 11.2 on the Port C interrupt pins
• Nontechnical reformatting
6.2
8/2003
• Changed B28a through B28d and B29d to show that TRLX can be 0 or 1
• Changed reference documentation to reflect the Rev 2 MPC860 PowerQUICC Family
Users Manual
• Nontechnical reformatting
6.1
11/2002
• Corrected UTOPIA RXenb* and TXenb* timing values
• Changed incorrect usage of Vcc to Vdd
• Corrected dual port RAM to 8 Kbytes
6
10/2002
• Added the MPC855T. Corrected Figure 26 on page -36.
5.1
11/2001
• Revised template format, removed references to MAC functionality, changed Table 7
B23 max value @ 66 MHz from 2ns to 8ns, added this revision history table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com