Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 30Page - NXP Semiconductors MPC860DP Datasheet HTML 31Page - NXP Semiconductors MPC860DP Datasheet HTML 32Page - NXP Semiconductors MPC860DP Datasheet HTML 33Page - NXP Semiconductors MPC860DP Datasheet HTML 34Page - NXP Semiconductors MPC860DP Datasheet HTML 35Page - NXP Semiconductors MPC860DP Datasheet HTML 36Page - NXP Semiconductors MPC860DP Datasheet HTML 37Page - NXP Semiconductors MPC860DP Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
34
Freescale Semiconductor
Bus Signal Timing
Table 9 shows the PCMCIA timing for the MPC860.
Table 9. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA Strobe
asserted1
1 PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITx signals are detected in order to freeze (or relieve) the
PCMCIA current cycle. The WAITx assertion will be effective only if it is detected 2 cycles before the
PSL timer expiration. See Chapter 16, “PCMCIA Interface,” in the MPC860 PowerQUICC™ Family
User’s Manual.
20.73
—
16.75
—
13.00
—
9.36
—
ns
P45
A(0:31), REG valid to ALE negation1
28.30
—
23.00
—
18.00
—
13.15
—
ns
P46
CLKOUT to REG valid
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P47
CLKOUT to REG invalid
8.58
—
7.25
—
6.00
—
4.84
—
ns
P48
CLKOUT to CE1, CE2 asserted
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P49
CLKOUT to CE1, CE2 negated
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P50
CLKOUT to PCOE, IORD, PCWE, IOWR
assert time
—
11.00
11.00
—
11.00
—
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE, IOWR
negate time
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time
7.58
15.58
6.25
14.25
5.00
13.00
3.79
10.04
ns
P53
CLKOUT to ALE negate time
—
15.58
14.25
—
13.00
—
11.84
ns
P54
PCWE, IOWR negated to D(0:31) invalid1
5.58
—
4.25
—
3.00
—
1.79
—
ns
P55
WAITA and WAITB valid to CLKOUT rising
edge1
8.00
—
8.00
—
8.00
—
8.00
—
ns
P56
CLKOUT rising edge to WAITA and WAITB
invalid1
2.00
—
2.00
—
2.00
—
2.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com