Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 57Page - NXP Semiconductors MPC860DP Datasheet HTML 58Page - NXP Semiconductors MPC860DP Datasheet HTML 59Page - NXP Semiconductors MPC860DP Datasheet HTML 60Page - NXP Semiconductors MPC860DP Datasheet HTML 61Page - NXP Semiconductors MPC860DP Datasheet HTML 62Page - NXP Semiconductors MPC860DP Datasheet HTML 63Page - NXP Semiconductors MPC860DP Datasheet HTML 64Page - NXP Semiconductors MPC860DP Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
61
CPM Electrical Characteristics
11.10 SPI Master AC Electrical Specifications
Table 24 provides the SPI master timings as shown in Figure 65 and Figure 66.
Figure 65. SPI Master (CP = 0) Timing Diagram
Table 24. SPI Master Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
160
MASTER cycle time
4
1024
tcyc
161
MASTER clock (SCK) high or low time
2
512
tcyc
162
MASTER data setup time (inputs)
50
—
ns
163
Master data hold time (inputs)
0
—
ns
164
Master data valid (after SCK edge)
—
20
ns
165
Master data hold time (outputs)
0
—
ns
166
Rise time output
—
15
ns
167
Fall time output
—
15
ns
SPIMOSI
(Output)
SPICLK
(CI = 0)
(Output)
SPICLK
(CI = 1)
(Output)
SPIMISO
(Input)
162
Data
166
167
161
161
160
msb
lsb
msb
msb
Data
lsb
msb
167
166
163
166
167
165
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com