Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 44Page - NXP Semiconductors MPC860DP Datasheet HTML 45Page - NXP Semiconductors MPC860DP Datasheet HTML 46Page - NXP Semiconductors MPC860DP Datasheet HTML 47Page - NXP Semiconductors MPC860DP Datasheet HTML 48Page - NXP Semiconductors MPC860DP Datasheet HTML 49Page - NXP Semiconductors MPC860DP Datasheet HTML 50Page - NXP Semiconductors MPC860DP Datasheet HTML 51Page - NXP Semiconductors MPC860DP Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
48
Freescale Semiconductor
CPM Electrical Characteristics
11.4
Baud Rate Generator AC Electrical Specifications
Table 17 provides the baud rate generator timings as shown in Figure 49.
Figure 49. Baud Rate Generator Timing Diagram
11.5
Timer AC Electrical Specifications
Table 18 provides the general-purpose timer timings as shown in Figure 50.
Table 17. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
—
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
—
ns
Table 18. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
CLK
63
TIN/TGATE high time
2
—
CLK
64
TIN/TGATE cycle time
3
—
CLK
65
CLKO low to TOUT valid
3
25
ns
52
50
51
BRGOX
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com