Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 6Page - NXP Semiconductors MPC860DP Datasheet HTML 7Page - NXP Semiconductors MPC860DP Datasheet HTML 8Page - NXP Semiconductors MPC860DP Datasheet HTML 9Page - NXP Semiconductors MPC860DP Datasheet HTML 10Page - NXP Semiconductors MPC860DP Datasheet HTML 11Page - NXP Semiconductors MPC860DP Datasheet HTML 12Page - NXP Semiconductors MPC860DP Datasheet HTML 13Page - NXP Semiconductors MPC860DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
10
Freescale Semiconductor
Power Dissipation
5
Power Dissipation
Table 5 provides power dissipation information. The modes are 1:1, where CPU and bus speeds are equal,
and 2:1, where CPU frequency is twice the bus speed.
NOTE
Values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external circuitry.
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC860.
Table 5. Power Dissipation (PD)
Die Revision
Frequency (MHz)
Typical 1
1 Typical power dissipation is measured at 3.3 V.
Maximum 2
2 Maximum power dissipation is measured at 3.5 V.
Unit
D.4
(1:1 mode)
50
656
735
mW
66
TBD
TBD
mW
D.4
(2:1 mode)
66
722
762
mW
80
851
909
mW
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage at 40 MHz or less
VDDH, VDDL, VDDSYN
3.0
3.6
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Operating voltage greater than 40 MHz
VDDH, VDDL, KAPWR,
VDDSYN
3.135
3.465
V
KAPWR
(power-down mode)
2.0
3.6
V
KAPWR
(all other operating modes)
VDDH – 0.4
VDDH
V
Input high voltage (all inputs except EXTAL and
EXTCLK)
VIH
2.0
5.5
V
Input low voltage1
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
× (V
DDH)VDDH + 0.3
V
Input leakage current, Vin = 5.5 V (except TMS, TRST,
DSCK, and DSDI pins)
Iin
—100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com