Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPC860DP
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860DP Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPC860DP Datasheet HTML 69Page - NXP Semiconductors MPC860DP Datasheet HTML 70Page - NXP Semiconductors MPC860DP Datasheet HTML 71Page - NXP Semiconductors MPC860DP Datasheet HTML 72Page - NXP Semiconductors MPC860DP Datasheet HTML 73Page - NXP Semiconductors MPC860DP Datasheet HTML 74Page - NXP Semiconductors MPC860DP Datasheet HTML 75Page - NXP Semiconductors MPC860DP Datasheet HTML 76Page - NXP Semiconductors MPC860DP Datasheet HTML 77Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
74
Freescale Semiconductor
Mechanical Data and Ordering Information
14.3
Mechanical Dimensions of the PBGA Package
Figure 77 shows the mechanical dimensions of the ZP PBGA package.
Figure 77. Mechanical Dimensions and Bottom Surface Nomenclature of the ZP PBGA Package
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SIDE VIEW
BOTTOM VIEW
18X
4X
357X
b
TOP VIEW
A2
A3
e
0.3 M C
D
A
A1
D2
0.15 M C
E
E2
0.2 C
A
B
0.2
D1
E1
AB
0.25 C
0.35 C
C
NOTE
1.
Dimensions and tolerance per ASME Y14.5M, 1994.
2.
Dimensions in millimeters.
3.
Dimension b is the maximum solder ball diameter
measured parallel to data C.
DIM
MIN
MAX
MILLIMETERS
A
---
2.05
0.50
0.70
A2
0.95
1.35
A3
0.70
0.90
b
0.60
0.90
D
25.00 BSC
D1
22.86 BSC
D2
22.40
22.60
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
22.40
22.60
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com