Electronic Components Datasheet Search
  English  ▼

X  

AD74115BCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD74115BCPZ
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115BCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD74115BCPZ Datasheet HTML 49Page - Analog Devices AD74115BCPZ Datasheet HTML 50Page - Analog Devices AD74115BCPZ Datasheet HTML 51Page - Analog Devices AD74115BCPZ Datasheet HTML 52Page - Analog Devices AD74115BCPZ Datasheet HTML 53Page - Analog Devices AD74115BCPZ Datasheet HTML 54Page - Analog Devices AD74115BCPZ Datasheet HTML 55Page - Analog Devices AD74115BCPZ Datasheet HTML 56Page - Analog Devices AD74115BCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 53 of 103
Table 21. Register Defaults Based on Channel Function Selection (Continued)
CH_FUNC Bits (Programmed via the
CH_FUNC_SETUP Register)
Defaults of the ADC_CONFIG Register
Defaults of the
DIN_CONFIG1 Register
Defaults of the
DIN_CONFIG2 Register
CONV1_MUX Bits
CONV1_RANGE Bits
COMPARATOR_EN Bit
COMP_THRESH Bits
0110: 2-Wire Resistance Measurement
00: SENSELF to
AGND_SENSE
100: 0 V to 2.5 V
0: disabled
0: −0.96 × AVDD
0111: 3- or 4-wire RTD Measurement
11: SENSELF to
SENSE_EXT1
101: 0 V to 0.625 V
0: disabled
0: −0.96 × AVDD
1000: Digital Input Logic
00: SENSELF to
AGND_SENSE
000: 0 V to 12 V
1: enabled
0x49: AVDD/2
1001: Digital Input, Loop Powered
00: SENSELF to
AGND_SENSE
000: 0 V to 12 V
1: enabled
0x49: AVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com