Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3335
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 4Page - Analog Devices LTC3335 Datasheet HTML 5Page - Analog Devices LTC3335 Datasheet HTML 6Page - Analog Devices LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices LTC3335 Datasheet HTML 10Page - Analog Devices LTC3335 Datasheet HTML 11Page - Analog Devices LTC3335 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT3154
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, VIN = 3.6, VOUT = 3.3V unless otherwise specified)
Die Temperature vs Load and VIN
at 3.3VOUT, 2.2MHz, L = 0.68µH
Die Temperature vs Load and VIN
at 5VOUT, 2.2MHz, L = 0.68µH
SYNC/MODE Pin Clock Release,
2.5MHz to 1.5MHz
Die Temperature vs Load and VIN
at 2.5VOUT, 2.2MHz, L = 0.68µH
LOAD CURRENT (A)
LT3154 DEMO BOARD
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
3154 G25
(VOUT = 2.5V)
1.8VIN
2.5VIN
3.6VIN
5.0VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
3154 G26
(VOUT = 3.3V)
1.8VIN
2.5VIN
3.6VIN
5.0VIN
LT3154 DEMO BOARD
LOAD CURRENT (A)
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
3154 G27
1.8VIN
2.5VIN
3.6VIN
5.0VIN
(VOUT = 5.0V)
LT3154 DEMO BOARD
SYNC/MODE Pin Clock
Acquisition 1.5MHz to 2.5MHz
RT = 74.9k
20 s/DIV
3154 G23
INDUCTOR CURRENT
1A/DIV
SYNC/MODE
2V/DIV
VOUT
0.5V/DIV
SW1
5V/DIV
20 s/DIV
RT = 74.9k
3154 G24
INDUCTOR CURRENT
1A/DIV
SYNC/MODE
2V/DIV
VOUT
0.5V/DIV
SW1
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com