Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3335
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 19Page - Analog Devices LTC3335 Datasheet HTML 20Page - Analog Devices LTC3335 Datasheet HTML 21Page - Analog Devices LTC3335 Datasheet HTML 22Page - Analog Devices LTC3335 Datasheet HTML 23Page - Analog Devices LTC3335 Datasheet HTML 24Page - Analog Devices LTC3335 Datasheet HTML 25Page - Analog Devices LTC3335 Datasheet HTML 26Page - Analog Devices LTC3335 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT3154
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Compensation Example
This section will demonstrate how to derive and select the
compensationcomponentsforatypicalLT3154application.
Designingcompensationforotherapplicationsisamatterof
substitutingdifferentvaluesintheequationsprovidedbased
on the power stage Bode plots. Since the compensation
design procedure uses the simplified model of Figure 5,
theresultsfromthefollowingcompensationdesignshould
alwaysbeverifiedwithtimedomainsteploadresponsetests
to validate the effectiveness of the compensation design. It
is assumed that the value and type of output capacitor will
be selected based on the guidelines provided elsewhere in
this data sheet. Particular attention needs to be paid to the
voltage bias effect on ceramic capacitors typically used for
output bypassing. Similarly, it is assumed that the inductor
value and current rating have been selected as well based
on the application requirements.
Example Application Details:
VIN = 1.8V to 5.5V
VOUT = 3.3V
Maximum IOUT = 1.65A, RLOAD = 2Ω
COUT = 100µF (Use 3x47μF due to DC Bias)
L = 1µH
Since this application includes boost mode operation, the
first step is to calculate the worst case RHPZ frequency
as this will dictate the maximum loop bandwidth for the
converter.
fRHPZ =
VIN2 •RLOAD
VOUT2 •2π•L
=
(1.8V)2 •2Ω
(3.3V)2 •2π •1µH
= 95kHz
In order to account for internal IC component variations, it
is good practice to set the converter bandwidth or cross‑
over frequency, FCC, at least 5 times lower than the RHPZ
frequency to avoid excessive phase loss from the RHPZ
when operating in boost mode. In this example design,
we’ll plan to achieve a loop bandwidth (FCC) of 20kHz,
FREQUENCY (Hz)
10
–40
20
0
–20
40
–180
90
0
–90
180
100
100000 1000000
1000
3154 F07
10000
PHASE MARGIN
TOTAL GAIN
VEA GAIN
POWER STAGE GAIN
FREQUENCY (Hz)
10
–40
20
0
–20
40
–180
90
0
–90
180
100
100000 1000000
1000
3154 F08
10000
PHASE MARGIN
TOTAL GAIN
VEA GAIN
POWER STAGE GAIN
Figure 6. Buck Bode Plots (VIN > VOUT,
VOUT = 3.3V): Power Stage Gain, VEA Loop Gain,
Total Loop Gain and Phase Margin vs Frequency
Figure 7. Boost Bode Plots (VIN = 1.8V,
VOUT = 3.3V): Power Stage Gain, VEA Loop Gain,
Total Loop Gain and Phase Margin vs Frequency
well below the RHPZ frequency. The 3.3V, 1.65A design
example Bode plots are shown in Figure 6 and Figure 7.
The DC power stage gain in buck mode is simply the
current loop transconductance (10A/V) multiplied by the
load resistance (2Ω). The VOUT resistor divider will be ac‑
counted for in voltage error amplifier (VEA gain) network:
Buck DC Gain 20Log 10A •2Ω
V
⎛
⎝
⎜
⎞
⎠
⎟= 26dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com