Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3335
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 3 Page - Analog Devices

  LTC3335 Datasheet HTML 1Page - Analog Devices LTC3335 Datasheet HTML 2Page - Analog Devices LTC3335 Datasheet HTML 3Page - Analog Devices LTC3335 Datasheet HTML 4Page - Analog Devices LTC3335 Datasheet HTML 5Page - Analog Devices LTC3335 Datasheet HTML 6Page - Analog Devices LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3154
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
EN/UVLO > 1.24V
l
1.8
5.5
V
VOUT Operating Voltage
Adjustable Version with External Divider
l
1.8
5.5
V
Feedback Voltage
l
0.98
1.0
1.02
V
VIN/VOUT Currents
PWM Mode No‑Load Current – VIN
20
mA
Sleep Quiescent Current – VIN
SYNC/MODE = 0V, VOUT in Regulation, Non‑Switching
15
25
µA
Sleep Quiescent Current – VOUT
SYNC/MODE = 0V
1
2
µA
Shutdown Current – VIN
EN/UVLO = 0V, SS = 0V (Note 7)
0.5
2
µA
Current in UVLO – VIN
EN/UVLO = 1.05V
8
25
µA
EN/UVLO Operation
EN/UVLO Pin Rising Threshold
l
1.16
1.2
1.24
V
EN/UVLO Pin Falling Threshold
l
1.06
1.1
1.14
V
EN/UVLO Pin Input Leakage Current
EN/UVLO = 5V
1
50
nA
EN/UVLO Pin Shutdown Threshold
EN/UVLO Pin Voltage
l
0.2
0.75
1.05
V
Switch Operation
Average Inductor Current Limit
l
5.5
6.5
8.7
A
Peak Inductor Current Limit
8
9.5
11
A
IZERO Current
SYNC/MODE = 0V
–0.25
0
0.25
A
Reverse Inductor Current Limit
SYNC/MODE = 3.6V
–1.5
–1.2
–0.9
A
Lowside (B & C) MOSFET RDS(ON)
VIN = 3.6V, VOUT = 3.0V
18
mΩ
Highside (A & D) MOSFET RDS(ON)
VIN = VOUT = 3.6V
25
mΩ
Lowside MOSFETs Leakage Currents
VSW = 5.5V, EN/UVLO = 0
0.05
2
µA
Highside MOSFETs Leakage Current
VIN = VOUT = 5.5V, VSW1 = VSW2 = 0V, EN/UVLO = 0
0.1
10
µA
Oscillator Operation
Switching Frequency
RT to VIN or RT = 49.9kΩ
l
1.8
2.2
2.6
MHz
Switching Frequency Range
RT Programmable
l
0.4
4
MHz
Max Boost Duty Cycle (SW2 Low)
RT = VIN, FB or VOUT 5% Below Regulation Value
l
83
88
93
%
Min Duty Cycle (SW1 High)
RT = VIN, FB or VOUT 5% Above Regulation Value
l
0
%
SYNC/MODE Applied Clock Frequency
RT Chosen to Program a 25% Lower Frequency
l
0.5
4
MHz
SYNC/MODE High or Low Pulse Width
75
ns
SYNC/MODE Input High Logic Level
l
1.5
V
SYNC/MODE Input Low Logic Level
l
0.5
V
SYNC/MODE Input Leakage Current
SYNC/MODE = 5V
1
50
nA
Soft-Start
Soft‑Start Period (CSS Charge Time to 0.8V)
SS = VIN or CSS = 2.7nF
2.2
ms
External SS Regulation Voltage
Capacitor to GND Sets SS Time
1.0
V
Voltage GM Amp
Feedback Pin Input Current
FB = 1V
0
50
nA
VC Source/Sink Current
FB = 0.9V Source, FB = 1.1V Sink
±12
µA
Error Amplifier Transconductance
VC Current = ±4µA
110
µS
The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 2), PVIN = VIN = 3.6V, PVOUT = VOUT = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com