Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3335
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 17Page - Analog Devices LTC3335 Datasheet HTML 18Page - Analog Devices LTC3335 Datasheet HTML 19Page - Analog Devices LTC3335 Datasheet HTML 20Page - Analog Devices LTC3335 Datasheet HTML 21Page - Analog Devices LTC3335 Datasheet HTML 22Page - Analog Devices LTC3335 Datasheet HTML 23Page - Analog Devices LTC3335 Datasheet HTML 24Page - Analog Devices LTC3335 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3154
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
PCB LAYOUT CONSIDERATIONS
The LT3154 switches large currents at high frequencies.
Special attention should be paid to the PCB layout to en‑
sure a stable, noise‑free and efficient application circuit.
Figure  4 presents a representative PCB layout for the
LT3154 to outline some of the primary considerations. A
few key guidelines are outlined below:
1. All circulating high current paths should be kept as
short as possible. This can be accomplished by keeping
the routes to all bold boxed components in Figure 4 as
short and as wide as possible. Capacitor ground con‑
nections should via down to the ground plane in the
shortest route possible. The bypass capacitors on PVIN
and PVOUT to PGND should be placed as close to the
IC as possible and should have the shortest possible
paths to ground. These connections should be made
as wide as possible to reduce the series resistance.
This will improve efficiency and maximize the output
current capability of the buck‑boost converter.
2. The exposed pad is the power ground connection for
the LT3154. Multiple vias should connect the back‑
pad directly to the ground plane. In addition maximi‑
zation of the metallization connected to the back‑pad
will improve the thermal environment and improve the
power handling capabilities of the IC.
3. The components shown in bold boxes and their con‑
nections should all be placed over a complete ground
plane to minimize loop cross‑sectional areas. This
minimizes EMI and reduces inductive drops.
4. Keep the connection from the resistor dividers (R3,
R4) to the FB pin as short as possible and away from
the switch pin connections, return to the ground plane
close to the IC.
Compensation of the Buck-Boost Converter
The LT3154 utilizes an average current architecture to
regulate the output voltage. Average current mode control
has two loops that require frequency compensation, the
inner average current loop and the outer voltage loop. The
compensation for the inner average current loop is fixed to
simplify the loop design and provide the highest possible
bandwidth over a wide operating range.
Figure 4. Example PCB Layout, Top Layer is Shown, Bottom Layer is Mostly PGND Plane
CIN
PVIN
PGND
CIN
PGND
SW1
SW2
COUT
PVOUT
COUT
PGND
3154 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com