Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3335
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices LTC3335 Datasheet HTML 10Page - Analog Devices LTC3335 Datasheet HTML 11Page - Analog Devices LTC3335 Datasheet HTML 12Page - Analog Devices LTC3335 Datasheet HTML 13Page - Analog Devices LTC3335 Datasheet HTML 14Page - Analog Devices LTC3335 Datasheet HTML 15Page - Analog Devices LTC3335 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LT3154
12
Rev. 0
For more information www.analog.com
QUICK REFERENCE
Thebuck‑boostconvertercanbesynchronizedtoanexter‑
nal clock applied to the SYNC/MODE pin. The frequency of
theexternalclockmustbehigherthantheinternaloscillator
frequency as set by the RT pin. In order to accommodate
the ±18% possible variation in the oscillator frequency,
the RT resistor should be chosen to set the internal oscil‑
lator frequency between 25% to 50% below the lowest
synchronization frequency. For example, to synchronize
to an external 2.5MHz clock, RT should be selected to set
the internal oscillator at 1.9MHz or lower.
Soft-Start Period
The soft‑start circuit linearly ramps the average inductor
current during the soft‑start period (tSS) from 0A up to
6A. An internal soft‑start interval of approximately 2.2ms
can be selected by connecting SS to VIN. For applications
requiring a longer soft‑start period, an external capacitor
CSS on SS sets soft‑start period according to the formula:
tSS(ms)= 0.8 • CSS(nF)
CSS
SS
PROGRAMMABLE
SOFT-START
DEFAULT 2.2ms
SOFT-START
VIN
VIN
SS
3154 QR05
In most applications, the initial load current at VOUT re‑
quires only a fraction of the 6A maximum current limit,
resulting in VOUT achieving regulation in a fraction of the
soft‑start period. Table 2 gives approximate times for VOUT
to regulate for various CSS values and initial load currents
in buck mode.
Table 2. Approximate Time for VOUT to Achieve Regulation vs
Load Current and CSS
Load Current
0.1A
1A
2A
4A
CSS Value
VOUT in Regulation Time (ms)
SS to VIN
0.5
0.75
1
1.5
10nF
2
3
4
6
47nF
10
15
20
30
Inductor Value
While the ideal inductor value is influenced by many fac‑
tors, in most cases, the maximum value is dictated by
the right‑half plane zero (RHPZ) frequency at high load
current in boost mode based on the following equation:
L <
VIN2 •RL
VOUT2 •2π• fRHPZ
Theinternalcontrolloopcrossoverfrequencyvariesbetween
5kHz to 15kHz in boost mode. To get adequate frequency
separation, the inductor value should be chosen to give a
RHPZ frequency > 100kHz. A 0.47µH to 1µH inductor works
well for most applications and load currents with switch‑
ing frequencies above 1MHz. Applications with switching
frequencies below 1MHz may require larger inductor values
and control loop adjustments, at the VC pin, to lower the
crossover frequency to avoid the RHPZ.
Output Capacitor Value
The recommended minimum output capacitor, CMIN, is
given below as a function of output voltage:
CMIN =
1V
VOUT
330µF
Table 3. Minimum Output Capacitor vs VOUT
VOUT
Minimum COUT
5
68µF
3.3
100µF
1.8
200µF
Control Pin Voltage Limitations
1. SYNC/MODE and EN/UVLO are low voltage input pins
and cannot be forced above 6V.
2. The RT and SS pins should be connected to VIN to
select default values or to GND though the appropriate
external resistor or capacitor when programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com