Electronic Components Datasheet Search
  English  ▼

X  

OP15 Datasheet(PDF) 5 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 5 Page - Analog Devices

  OP15 Datasheet HTML 1Page - Analog Devices OP15 Datasheet HTML 2Page - Analog Devices OP15 Datasheet HTML 3Page - Analog Devices OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
OP15/OP17
OUTPUT LOAD RESISTANCE –
100
100k
1k
10k
30
27
0
24
21
18
15
12
9
6
3
–55 C
+25 C
+125 C
VS = 15V
TPC 1. Maximum Output Swing vs. Load Performance
SUPPLY VOLTAGE – V
20
15
0
0
20
5
10
15
10
5
POSITIVE
NEGATIVE
TA = 25 C
FROM –55 C TO –125 C
CHANGE IN CMVR IS < 0.2V
TPC 2. Common-Mode Input Voltage Range vs. Supply
Voltage
10G
100k
SOURCE RESISTANCE –
1k
100
0.01
10
1
0.1
1M
10M
100M
1G
TA = 25 C
VS = 15V
100Hz < f < 10kHz
10Hz < f < 10kHz FOR RS > 4M
a AMPLIFIER NOISE
b JOHNSON RESISTOR NOISE
c AMPLIFIER NOISE MEASURED
WITH SOURCE RESISTOR
a
c
b
TPC 3. Voltage Noise vs. Source Resistance
INPUT COMMON-MODE VOLTAGE – V
40
–20
–12
12
–10
–8
–6
–4
–2
0
2
4
6
8
10
60
20
0
80
100
WARMED-UP IN FREE AIR
VS = 15V
TA = 25 C
a. UNDERCANCELLED IB = +16pA @ V CM = 0
b. PERFECTLY CANCELLED IB = 0pA @ V CM = 0
c. UNDERCANCELLED IB = –16pA @ V CM = 0
a
c
b
TPC 4. Input Bias Current vs. Common-Mode Voltage
SUPPLY VOLTAGE – V
1M
10k
5
20
15
100k
200k
300k
400k
500k
10
RL = 2k
–55 C
25 C
125 C
TPC 5. Open-Loop Voltage Gain vs. Supply Voltage
SUPPLY VOLTAGE – V
40
30
0
0
20
5
10
15
20
10
RL = 2k
TA = 25 C
TPC 6. Output Voltage Swing vs. Supply Voltage
TypicalPerformanceCharacteristics –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com