Electronic Components Datasheet Search
  English  ▼

X  

OP15 Datasheet(PDF) 8 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices OP15 Datasheet HTML 10Page - Analog Devices OP15 Datasheet HTML 11Page - Analog Devices OP15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
OP15/OP17
–8–
FREQUENCY – MHz
18
14
–10
1M
100M
10M
10
6
2
–2
–6
VS = 15V
TA = 25 C
AV > 10
AV = 1
PHASE MARGIN = 86
90
110
130
150
170
190
100
120
140
160
180
200
16
12
8
4
0
–4
–8
TPC 19. OP15 Closed-Loop Bandwidth and Phase vs.
Frequency
TEMPERATURE – C
28
0
–50
125
–25
025
5075
100
24
16
12
8
4
20
CLOSED-LOOP
BANDWIDTH AV = 1
GAIN BANDWIDTH
PRODUCT
BANDWIDTH VARIATION FROM
5V < V
S
< 20V IS < 5 %
V
S
= 15V
TPC 20. OP15 Bandwidth vs. Temperature
FREQUENCY – Hz
120
–20
1
100M
10
100
1k
10k
100k
1M
10M
100
60
40
20
0
80
VS = 15V
TA = 25 C
TPC 21. OP15 Open-Loop Gain vs. Frequency
FREQUENCY – MHz
28
24
0
100k
10M
1M
12
8
4
VS = 15V
TA = 25 C
AV = 1
16
20
TPC 22. OP15 Maximum Output Swing vs. Frequency
AMBIENT TEMPERATURE – C
70
0
–50
125
–25
025
5075
100
60
40
30
20
10
50
NEGATIVE
POSITIVE
V
S
= 15V
A
V
= 1
TPC 23. OP15 Slew Rate vs. Temperature
FREQUENCY – Hz
100
0
1
100M
10
100
1k
10k
100k
1M
10M
80
40
20
60
VS = 15V
TA = 25 C
TPC 24. OP15 Common-Mode Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com