Electronic Components Datasheet Search
  English  ▼

X  

OP15 Datasheet(PDF) 2 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 2 Page - Analog Devices

  OP15 Datasheet HTML 1Page - Analog Devices OP15 Datasheet HTML 2Page - Analog Devices OP15 Datasheet HTML 3Page - Analog Devices OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
OP15/OP17–SPECIFICATIONS
OP15A, OP15E
OP15F
OP15G
OP17A, OP17E
OP17F
OP17G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 50
W
0.2
0.5
0.4
1.0
0.5
3.0
mV
Input Offset Current
IOS
OP15
TJ = 25
∞C1
310
620
12
50
pA
Device Operating
5
22
10
40
20
100
pA
OP17
TJ = 25
∞C1
310
620
12
50
pA
Device Operating
5
25
10
50
20
125
pA
Input Bias Current
IB
OP15
TJ = 25
∞C1
±15
±50
±30
±100
±60
±200 pA
Device Operating
±18
±110
±40
±200
±80
±400 pA
OP17
TJ = 25
∞C1
±15
±50
±30
±100
±60
±200 pA
Device Operating
±20
±130
±40
±250
±80
±500 pA
Input Resistance
RIN
10
12
10
12
10
12
W
Large-Signal
AVO
RL
≥ 2 kW
100
240
75
220
50
200
V/mV
Voltage Gain
VO =
±10 V
Output Voltage
VO
RL = 10 k
W±12
±13
±12
±13
±12
±13
V
Swing
RL = 2 k
W±11
±12.7
±11
±12.7
±11
±12.7
V
Supply Current
ISY
OP15
2.7
4.0
2.7
4.0
2.8
5.0
mA
OP17
4.6
7.0
4.6
7.0
4.8
8.0
mA
Slew Rate
2
SR
AVCL = 1, OP15
10
13
7.5
11
5
9
V/
ms
AVCL = 5, OP17
45
60
35
50
25
40
V/
ms
Gain Bandwidth
3
GBW
OP15
4.0
6.0
3.5
5.7
3.0
5.4
MHz
Product
OP17
20
30
15
28
11
26
MHz
Closed-Loop
CLBW
AVCL = 1, OP15
14
13
12
MHz
Bandwidth
AVCL = 5, OP17
11
10
9
MHz
Settling Time
tS
OP15
To 0.01%
4.5
4.5
4.7
ms
To 0.05%
1.5
1.5
1.6
ms
To 0.10%
1.2
1.2
1.3
ms
OP17
To 0.01%
1.5
1.5
1.6
ms
To 0.05%
0.7
0.7
0.8
ms
To 0.10%
0.6
0.6
0.7
ms
Input Voltage Range
IVR
±10.5
±10.5
±10.3
V
Common-Mode
CMRR
VCM =
±10.5 V
86
100
86
100
dB
Rejection Ratio
VCM =
±10.3 V
82
96
dB
Power Supply
PSRR
VS =
±10 V to ±18 V
10
5110
51
mV/V
Rejection Ratio
VS =
±10 V to ±18 V
10
80
mV/V
Input Noise
en
fO = 100 Hz
20
20
20
nV/
÷Hz
Voltage Density
fO = 1 kHz
15
15
15
nV/
÷Hz
Input Noise
in
fO = 100 Hz
0.01
0.01
0.01
pA/
÷Hz
Current Density
fO = 1 kHz
0.01
0.01
0.01
pA/
÷Hz
Input Capacitance
CIN
33
3
pF
NOTES
1Input bias current is specified for two different conditions. The T
J = 25
∞C specification is with the junction at ambient temperature; the device operating specification
is with the device operating in a warmed-up condition at 25
∞C ambient. The warmed-up bias current value is correlated to the junction temperature value via the
curves of IB versus TJ and IB versus TA. ADI has a bias current compensation circuit which gives improved bias current over the standard JFET input op amps. I B and
IOS are measured at VCM = 0.
2Settling time is defined here for a unity gain inverter connection using 2 k
W resistors. It is the time required for the error voltage (the voltages at the inverting input pit
on the amplifier) to settle to within a specified percent of its final value from the time a 10 V step input is applied to the inverter. See settling time test circuit.
3Sample tested.
4Settling time is defined here for A
V = –5 connection with RF = 2 k
W. It is the time required for the error voltage (the voltage at the inverting input pin on the amplifier) to
settle to within 0.01% of its final value from the time a 2 V step input is applied to the inverter. See settling time test circuit.
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, TA = 25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com