Electronic Components Datasheet Search
  English  ▼

X  

OP15 Datasheet(PDF) 11 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices OP15 Datasheet HTML 10Page - Analog Devices OP15 Datasheet HTML 11Page - Analog Devices OP15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
OP15/OP17
–11–
TEST CIRCUITS
100k
7
6
2
3
1
5
4
NOTE:VOS CAN BE TRIMMED WITH POTENTIOMETERS
RANGING FROM 10k
TO 1M
. FOR MOST UNITS
TCVOS WILL BE MINIMIZED WHEN VOS IS ADJUSTED
WITH A 100k
POTENTIOMETER
V+
Figure 3. Input Offset Voltage Nulling
100pF
7
2
3
OP15
5k
0.1%
2k
0.1%
2k
0.1%
4
6
+15V
0V
10V
–15V
SUMMING
NODE
5k
0.1%
VOUT
2N4416
3k
AV = –1
+15V
2k
SCOPE
2N4416
Figure 4. OP15 Settling Time Test Circuit
7
2
3
OP17
1k
0.1%
400
0.1%
2k
0.1%
4
6
+15V
0V
10V
–15V
SUMMING
NODE
5k
0.1%
VOUT
2N4416
3k
AV = –1
+15V
2k
SCOPE
2N4416
100pF
Figure 6. OP17 Settling Time Test Circuit
APPLICATION INFORMATION
Dynamic Operating Considerations
As with most amplifiers, care should be taken with lead dress,
component placement and supply decoupling in order to ensure
stability. For example, resistors from the output to an input should
be placed with the body close to the input to minimize “pick-up”
and maximize the frequency of the feedback pole by minimizing
the capacitance for the input to ground.
A feedback pole is created when the feedback around any amplifier
is resistive. The parallel resistance and capacitance from the input
of the device (usually the inverting input) to ac ground set the
frequency of this pole. In many instances the frequency of this
pole is much greater than the expected, 3 dB frequency of the
close-loop gain, and consequently there is negligible effect on
stability margin. However, if the feedback pole is less than approxi-
mately six times the expected 3 dB frequency, a lead capacitor
should be placed from the output to the negative input of the op
amp. The value of the added capacitor should be such that the
RC time-constant of this capacitor and the resistance it parallels
is greater than, or equal to, the original feedback pole time is constant.
5
MSB
6
7
8
9
10
11
12
LSB
B1 B2 B3 B4 B5 B6 B7 B8
DIGITAL INPUTS
DAC08E
+10V
VREF+
VREF–
13
16
1
+15V
–15V
C1
0.1 F
3
V+
V–
CC
VLC
IO
IO
4
2
2
3
+15V
–15V
OP15F
7
4
6
VO = 0V TO 10V
C2
30pF
R2
5k
R1
10k
RREF
5k
14
15
Figure 5. Current-to-Voltage Amplifier Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com