Electronic Components Datasheet Search
  English  ▼

X  

OP15 Datasheet(PDF) 7 Page - Analog Devices

Part # OP15
Description  Precision JFET-Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP15 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP15 Datasheet HTML 3Page - Analog Devices OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices OP15 Datasheet HTML 10Page - Analog Devices OP15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
OP15/OP17
AMBIENT TEMPERATURE – C
100n
10n
10p
10
150
30
50
70
90
110
130
1n
100p
156A/157A MAX
156A/157A TYP
OP17A MAX
OP17A TYP
TPC 13. OP17 Input Bias Current vs. Ambient Temperature
(Units Warmed Up in Free Air)
SUPPLY VOLTAGE – V
3.5
3.0
1.5
0
20
5
10
15
2.5
2.0
–55 C
25 C
125 C
TPC 14. OP15 Supply Current vs. Supply Voltage
SUPPLY VOLTAGE – V
5.5
5.0
3.5
0
20
5
10
15
4.5
4.0
–55 C
25 C
125 C
TPC 15. OP17 Supply Current vs. Supply Voltage
TIME – 500ns/DIV
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
TPC 16. OP15 Large Signal Transient Response
TIME – 100ns/DIV
0
0
0
00
0
0000
0
000
0
0
0
0
0
0
TPC 17. OP15 Small Signal Transient Response
SUPPLY VOLTAGE – V
10
5
–10
0
2.5
0.5
0
–5
10mV
1.0
1.5
2.0
5mV
1mV
10mV
5mV
1mV
VS = 15V
TA = 25 C
AV = –1
TPC 18 OP15 Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com