Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2132 Datasheet HTML 1Page - Diodes Incorporated AP2132 Datasheet HTML 2Page - Diodes Incorporated AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
5 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Electrical Characteristics (@VIN = VOUT+0.5V, VCTRL = VEN = 5V, TA = +25°C, CIN = COUT = 10µF, CCTRL = 1µF, IOUT = 10mA, Bold
typeface applies -40°C
≤ TA ≤ +85°C unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = VOUT+0.5V, IOUT =10mA
VOUT
× 98%
—
VOUT
×
102%
V
VIN
Input Voltage
—
1.4
—
5.5
V
IOUT(max)
Max. Output Current
VIN – VOUT = 1V, VOUT = 98%xVOUT
2
—
—
A
VRLOAD
Load Regulation
VIN = VOUT +0.5V, 10mA ≤ IOUT ≤ 2A
—
10
—
mV
VRLINE
Line Regulation
VOUT + 0.5V ≤ VIN ≤ 5V, IOUT = 10mA
—
2
—
mV
VDROP
Dropout Voltage
IOUT = 500mA
—
80
120
mV
IOUT = 1A
—
150
200
mV
IOUT = 2A
—
300
450
mV
ISUPPLY
Supply Current
VIN = VOUT+0.5V, IOUT = 0mA
—
300
—
µA
ICTRLH
VCTRL Current
VIN = VOUT+0.5V, VCTRL = VEN = 5V
—
250
500
µA
ICTRLL
VIN = VOUT+0.5V, VCTRL = 5V, VEN = 0V
—
0.1
1
µA
PSRR
Power Supply Rejection Ratio
Ripple 0.5Vp-p,
VIN = VOUT+1V
f = 100Hz
—
60
—
dB
f = 1kHz
—
60
—
dB
∆VOUT
VOUTx∆T
Output Voltage
Temperature Coefficient
IOUT = 10mA, -40°C ≤ TA ≤ +85°C
—
±100
—
ppm/°C
VREF
Reference Voltage
Adjust Short to VOUT
0.588
0.6
0.612
V
—
Enable “High” Voltage
Enable Input Voltage “High”
1.5
—
—
V
—
Enable “Low” Voltage
Ena
ble Input Voltage “Low”
—
—
0.4
V
OTSD
Thermal Shutdown
—
—
+165
—
°C
—
Thermal Shutdown Hysteresis
—
—
+20
—
°C
VTHPG
VOUT Power Good Voltage
—
—
92
—
%
—
VPG Hysteresis
—
—
7
—
%
—
Adjust Pin Threshold
—
—
200
—
mV
θJC
Thermal Resistance
(Junction to Case)
PSOP-8
—
40
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com