Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2132 Datasheet HTML 2Page - Diodes Incorporated AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated AP2132 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
6 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Performance Characteristics
Supply Current vs. Output Current
Supply Current vs. Case Temperature
Enable High/Low Voltage vs. Case Temperature
Supply Current vs. Input Voltage
Output Voltage vs. Case Temperature
Output Voltage vs. Output Current
-25
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
AP2132-1.2V
V
CTRL
=5V
V
IN
=2.2V
Case Temperature (
oC)
Enable High Voltage
Enable Low Voltage
-25
0
25
50
75
100
125
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Case Temperature (
oC)
AP2132-1.2V
V
IN
=V
OUT+1V
V
CTRL=VEN=5V
No Load
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
AP2132-1.2V
V
IN
=2.2V
V
CTRL
=V
EN
=5V
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
AP2132-1.2V
No Load
V
CTRL
=V
EN
=5V
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
-25
0
25
50
75
100
125
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
AP2132-1.2V
V
IN=2.2V
V
CTRL=VEN=5V
Case Temperature (
oC)
I
OUT
=10mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
AP2132-1.2V
V
IN=2.2V
V
CTRL=VEN=5V
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com