Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated AP2132 Datasheet HTML 10Page - Diodes Incorporated AP2132 Datasheet HTML 11Page - Diodes Incorporated AP2132 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
11 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Suggested Pad Layout
(1)
Package Type: PSOP-8
G
E
X
X1
Y
Y1
Z
Dimensions
Z
(mm)/(inch)
G
(mm)/(inch)
X
(mm)/(inch)
Y
(mm)/(inch)
X1
(mm)/(inch)
Y1
(mm)/(inch)
E
(mm)/(inch)
Value
6.900/0.272
3.900/0.154
0.650/0.026
1.500/0.059
3.600/0.142
2.700/0.106
1.270/0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com