Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated AP2132 Datasheet HTML 10Page - Diodes Incorporated AP2132 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
7 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
Performance Characteristics (continued)
Output Voltage vs. Input Voltage
Dropout Voltage vs. Output Current
Dropout Voltage vs. Case Temperature
Short Current vs. Case Temperature
PSRR vs. Frequency
VIN Start up Waveform
(VCTRL=VEN=5V, VIN=0 to 2.2V, No Load)
0.0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
AP2132-1.2V
V
CTRL
=V
EN
=5V
No Load
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
40
80
120
160
200
240
280
320
360
400
AP2132-1.2V
V
CTRL
=V
EN
=5V
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
Output Current (A)
-30
-15
0
15
30
45
60
75
90
105
120
0
40
80
120
160
200
240
280
320
AP2132-1.2V
V
OUT
=1.2V
V
IN
=2.2V
V
CTRL
=V
EN
=5V
Ouput Short to GND
Case Temperature (
oC)
-25
0
25
50
75
0
40
80
120
160
200
240
280
320
360
400
AP2132-1.2V
V
CTRL
=V
EN
=5V
I
OUT
=30mA
I
OUT
=500mA
I
OUT
=1A
I
OUT
=2A
Case Temperature (
oC)
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2132-1.2V
V
OUT
=1.2V
C
IN
=10mF, C
OUT
=10mF, C
CTRL
=1mF,
V
CTRL
=V
EN
=5V,V
IN
=2.2V to 3.2V, I
OUT
=10mA
VOUT
1V/div
VPG
1V/div
VIN
2V/div
IIN
1A/div
Time 80µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com