Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2132
Description  2A CMOS LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2132 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2132 Datasheet HTML 1Page - Diodes Incorporated AP2132 Datasheet HTML 2Page - Diodes Incorporated AP2132 Datasheet HTML 3Page - Diodes Incorporated AP2132 Datasheet HTML 4Page - Diodes Incorporated AP2132 Datasheet HTML 5Page - Diodes Incorporated AP2132 Datasheet HTML 6Page - Diodes Incorporated AP2132 Datasheet HTML 7Page - Diodes Incorporated AP2132 Datasheet HTML 8Page - Diodes Incorporated AP2132 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP2132
Document number: DS37393 Rev. 3 - 2
1 of 12
www.diodes.com
October 2019
© Diodes Incorporated
AP2132
2A CMOS LDO REGULATOR
Description
The AP2132 series are positive voltage regulator ICs fabricated by
CMOS process. The ICs consist of a voltage reference, an error
amplifier, a power transistor, a resistor network for setting output
voltage, a current limit circuit for current protection, and a chip enable
circuit.
The AP2132 have features of large current, low dropout voltage, high
output voltage accuracy, and low input voltage. The AP2132 provide
a power good (PG) signal to indicate if the voltage level of VOUT
reaches 92% of its rating value. And it operates with a VIN as low as
1.4V and VPP voltage 5V with output voltage programmable as low as
0.6V.
The AP2132 ADJ pin is unique as it has two specific modes.
Internal Mode:
The ADJ pin is grounded the internal resistors are used and the
output voltages can be 1.2V, 1.5V, 1.8V, or 2.5V as ordered by a
specific part number.
External Mode:
The ADJ pin is not grounded but connected to an external resistor
divider. In this mode the device is truly adjustable and the internal
resistors are ignored. This is true for all of the versions.
The AP2132 are available in 1.2V, 1.5V, 1.8V, 2.5V fixed output
voltage versions and adjustable output voltage version. The fixed
versions integrate the adjust resistors. It is also available in an
adjustable version, which can set the output voltage with external
resistor. If the pin of adjustable output voltage is to ground, it will
switch to fixed output voltage.
The AP2132 series are available in PSOP-8 package.
Applications
Notebook
Pin Assignments
(Top View)
PG
EN
VIN
VCTRL
GND
ADJ
VOUT
NC
1
2
3
4
8
7
6
5
PSOP-8
Features
Adjustable Output: 0.6V to 3.0V
Low Dropout Voltage: 300mV@IOUT = 2A, VOUT = 1.2V
Over Current and Over Temperature Protection
Enable Pin
PSOP-8 Package with Thermal Pad
Maximum Output Current: 2A
High Output Voltage Accuracy: 2%
VOUT Power Good Signal
Excellent Line/Load Regulation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP2132

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
AP2132 BCDSEMI-AP2132 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132AMP-1.2G1 BCDSEMI-AP2132AMP-1.2G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
More results

Similar Description - AP2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
Ultra Low Dropout 2A CMOS LDO
logo
Diodes Incorporated
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com