Electronic Components Datasheet Search
  English  ▼

X  

SE050B2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE050B2
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050B2 Datasheet(HTML) 2 Page - NXP Semiconductors

  SE050B2 Datasheet HTML 1Page - NXP Semiconductors SE050B2 Datasheet HTML 2Page - NXP Semiconductors SE050B2 Datasheet HTML 3Page - NXP Semiconductors SE050B2 Datasheet HTML 4Page - NXP Semiconductors SE050B2 Datasheet HTML 5Page - NXP Semiconductors SE050B2 Datasheet HTML 6Page - NXP Semiconductors SE050B2 Datasheet HTML 7Page - NXP Semiconductors SE050B2 Datasheet HTML 8Page - NXP Semiconductors SE050B2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
1.2 SE050 target applications
• Smart Industry
• Smart Home
• Smart Cities
• Smart Supply Chains
aaa-032990
HOST MCU/MPU
PLUG AND TRUSTMW
I2C
SDA SCL
NFC DEVICE
READER
SENSOR
CLK
RST
IO2: SCL
IO:SDA
LB
LA
SDA
SCL
SE050
IoT APPLET
JCOPOS
14443
14443
7816
I2C target
SW I2C controller
I2C
ACTUATOR
Figure 1. SE050 solution block diagram
Note: SE050 is designed to be used as a part of an IoT system. It works as an auxiliary
security device attached to a host controller. The host controller communicates with
SE050 through an I²C interface (with the host controller being the I²C controller and the
SE050 being the I²C target). Besides the mandatory connection to the host controller, the
SE050 device can optionally be connected to a sensor node or similar element through a
separate I²C interface. In this case, the SE050 device is the I²C controller and the sensor
node the I²C target. Lastly, SE050 has a connection for a native contactless antenna,
providing a wireless interface to an external device like a smartphone.
1.3 SE050 naming convention
The following table explains the naming conventions of the commercial product name
of the SE050 platform. Every SE050 product gets assigned a commercial name, which
includes application specific data.
The SE050 commercial names have the following format.
SE05yagddd/Zrrff
All letters are explained in Table 1 .
Variable
Meaning
Values
Description
y
JCOP version
0
Table 1. SE050 commercial name format
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
2 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com