| Electronic Components Datasheet Search |
|
SE050B2 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SE050B2 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 32 page ![]() NXP Semiconductors SE050 Plug & Trust Secure Element • Symmetric Key (AES, 3DES) • ECC Key • RSA Key • HMAC Key • Binary File • User ID • Counter • Hash-Extend register 3.1.3 Access control Each secure object can be linked to object specific access control policies. An access control policy associates a user identified by an authentication with a set of privileges such as read, write, … To scale the functionality into a broad range of ecosystems, a set of different authentication options is provided: • User-ID based authentication • Symmetric key based authentication with secure messaging • Asymmetric key based authentication with secure messaging At creation of a secure object, an optional set of policies is associated with that secure object. Each policy assigns a set of allowed operations on that object to an authentication object. 3.1.4 Sessions and multi-threading The SE050 IoT applet is prepared for ecosystems where multi-threading and multi-tenant use cases are needed on APDU level. To enable that, the applet supports 2 simultaneous sessions that can span full secure messaging sessions, self-authenticated APDUs for tenants not requiring long-lasting sessions and on top one default session for single tenant use cases . 3.1.5 Attestation and trust provisioning SE050 applet comes with a set of trust provisioned root credentials allowing the owner of the device to securely attest all generated secure keys. Next to that, a customer has the possibility to define own attestation keys. Attestation certificates signed by an attestation CA are included in certain SE050 configurations as documented in [4]. 3.1.6 Application support For specific ecosystems, SE050 IoT applet has built-in crypto features to simplify the deployment of specific use cases such as • MIFARE SAM functionality • Wifi password protection • ECC-Key and RSA-Key based cloud connectivity • Secure Sensor readout using I2C controller • Remote attestation and trust provisioning • Platform Configuration Registers SE050 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product data sheet Rev. 3.5 — 22 August 2022 504935 7 / 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |