Electronic Components Datasheet Search
  English  ▼

X  

SE050B2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SE050B2
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050B2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SE050B2 Datasheet HTML 9Page - NXP Semiconductors SE050B2 Datasheet HTML 10Page - NXP Semiconductors SE050B2 Datasheet HTML 11Page - NXP Semiconductors SE050B2 Datasheet HTML 12Page - NXP Semiconductors SE050B2 Datasheet HTML 13Page - NXP Semiconductors SE050B2 Datasheet HTML 14Page - NXP Semiconductors SE050B2 Datasheet HTML 15Page - NXP Semiconductors SE050B2 Datasheet HTML 16Page - NXP Semiconductors SE050B2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Symbol
Pin
Description
ISO 7816 CLK
13
ISO 7816 clock input, if not used then n.c (recommended) or connect to VCC
ISO 7816 RST_N
14
ISO 7816 reset input low active, if not used then connect to Vcc or Vss
VOUT
15
supply voltage output to be connected with pad VCC on PCB level, if Deep
Power-down mode is used. N. c. if not used.
ISO 7816 IO2
16
ISO7816 IO2 pad or I2C controller SCL. I if not used n.c (recommended) or
connect to VOUT.
ISO 14443 LA
17
ISO14443 antenna connection, if not used then connect to VSS
VCC
18
logic and ISO7816/ISO14443 interface power supply voltage input, to be
connected with pad VOUT on PCB level, if Deep Power-down mode to be used
VSS
19
ground
n.c.
20
not connected
Table 5. Pin description HX2QFN20...continued
The center pad of the IC is not connected, although it is recommended to connect it to
ground for thermal reasons.
Reference voltage for ISO 1816 IO1, CLK, RST is VCC; for I2C SDL and SCL reference
voltage is VIN and for IO2 it is VOUT.
8 Package
SE050 is offered in HX2QFN20 package. The dimensions are 3 mm x 3 mm x 0,32 mm
with a 0,4 mm pitch.
Please refer to the package data sheet [2], SOT1969-1.
9 Marking
Type number
Marking code
Sx050...
Line A: S50
Line B: **** (**** = 4-digit Batch code)
Line C: nDyww
D: RHF-2006 indicator
n: Assembly Center
Y: Year
WW: Week
Table 6. Marking codes
10 Packing information
10.1 Reel packing
The SE050 product is available in tape on reel.
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
13 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com