Electronic Components Datasheet Search
  English  ▼

X  

SE050B2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SE050B2
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050B2 Datasheet(HTML) 1 Page - NXP Semiconductors

  SE050B2 Datasheet HTML 1Page - NXP Semiconductors SE050B2 Datasheet HTML 2Page - NXP Semiconductors SE050B2 Datasheet HTML 3Page - NXP Semiconductors SE050B2 Datasheet HTML 4Page - NXP Semiconductors SE050B2 Datasheet HTML 5Page - NXP Semiconductors SE050B2 Datasheet HTML 6Page - NXP Semiconductors SE050B2 Datasheet HTML 7Page - NXP Semiconductors SE050B2 Datasheet HTML 8Page - NXP Semiconductors SE050B2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SE050
Plug & Trust Secure Element
Rev. 3.5 — 22 August 2022
Product data sheet
504935
1 Introduction
The SE050 is a ready-to-use IoT secure element solution. It provides a root of trust at the
IC level and it gives an IoT system state-of-the-art, edge-to-cloud security capability right
out of the box.
SE050 allows for securely storing and provisioning credentials and performing
cryptographic operations for security critical communication and control functions. SE050
is versatile in IoT security use cases such as secure connection to public/private clouds,
device-to-device authentication or protection of sensor data.
SE050 has an independent Common Criteria EAL 6+ security certification up to OS level
and supports both RSA & ECC asymmetric cryptographic algorithms with high key length
and future proof ECC curves. The latest security measures protect the IC even against
sophisticated non-invasive and invasive attack scenarios.
The SE050 is a turnkey solution that comes with Java Card operating system and an
applet optimized for IoT security use cases pre-installed. This is complemented by a
comprehensive product support package, enabling fast time to market & easy design-
in with Plug & Trust middleware for host applications, easy to use development kits,
reference designs, and extensive documentation for product evaluation.
The SE050 is a product platform that comes in several pin-to-pin compatible product
variants, see [4].
Additional information on the integration can be found in several application notes on the
NXP website. Also see [3].
For additional information on guidelines for the usability of SE050 and the security
recommendations for using the module, see [5]
To implement inclusive language, the terms "master/slave" has been replaced by
"controller/target", following the recommendation of MIPI.
1.1 SE050 use cases
• Secure connection to public/private clouds, edge computing platforms, infrastructure
• Device-to-device authentication
• Secure data protection
• Secure commissioning support
• Secure CL/MIFARE/Wi-Fi interactions
• Device ID for blockchain
• Secure key storage
• Secure provisioning of credentials
• Ecosystem protection
• Qi 1.3 wireless charging authentication
• Matter Ready


Similar Part No. - SE050B2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE050B2 NXP-SE050B2 Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
SE050B2HQ1/Z01SF NXP-SE050B2HQ1/Z01SF Datasheet
418Kb / 32P
Plug & Trust Secure Element
Rev. 3.4-28 March 2022
SE050B2HQ1/Z01SFZ NXP-SE050B2HQ1/Z01SFZ Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
More results

Similar Description - SE050B2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A71CH NXP-A71CH Datasheet
1Mb / 29P
Plug & Trust Secure Element
Rev.1.2-27 September 2018
SE050 NXP-SE050 Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
logo
STMicroelectronics
X-NUCLEO-SAFEA1 STMICROELECTRONICS-X-NUCLEO-SAFEA1 Datasheet
316Kb / 6P
Secure element expansion board based on STSAFE-A110
14-Jan-2020
logo
NXP Semiconductors
A71CL NXP-A71CL Datasheet
382Kb / 24P
Plug & Trust Secure Element for Alibaba Cloud
Rev.3.1-24 September 2020
A71CL NXP-A71CL_V01 Datasheet
327Kb / 24P
Plug & Trust Secure Element
Rev.3.1-10 September 2020
logo
Pomona Electronics
6175 POMONA-6175 Datasheet
6Mb / 100P
Professionals Trust Pomona Performance
2008 - 2009
logo
NXP Semiconductors
SE050 NXP-SE050_V01 Datasheet
418Kb / 32P
Plug & Trust Secure Element
Rev. 3.4-28 March 2022
logo
Infineon Technologies A...
32AIA010MH INFINEON-32AIA010MH Datasheet
902Kb / 40P
OPTIGA??Trust M
Revision 3.10 2020-09-24
SLE95250 INFINEON-SLE95250 Datasheet
1Mb / 22P
OPTIGATM Trust B Authentication IC
Revision 2.01, 2021-03-02
SLS32AIA020U23 INFINEON-SLS32AIA020U23 Datasheet
1Mb / 37P
OPTIGA™ Trust Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com