Electronic Components Datasheet Search
  English  ▼

X  

AP2210 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2210 Datasheet HTML 1Page - Diodes Incorporated AP2210 Datasheet HTML 2Page - Diodes Incorporated AP2210 Datasheet HTML 3Page - Diodes Incorporated AP2210 Datasheet HTML 4Page - Diodes Incorporated AP2210 Datasheet HTML 5Page - Diodes Incorporated AP2210 Datasheet HTML 6Page - Diodes Incorporated AP2210 Datasheet HTML 7Page - Diodes Incorporated AP2210 Datasheet HTML 8Page - Diodes Incorporated AP2210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
1 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
300mA RF ULDO REGULATOR
Description
The AP2210 is a 300mA ULDO regulator which provides very low
noise, ultra-low dropout voltage (typically 250mV at 300mA), very low
standby current (1µA maximum), and excellent power supply ripple
rejection (PSRR 75dB at 100Hz). This device is used in battery
powered applications, such as handsets and PDAs; and in noise
sensitive applications, such as RF electronics.
The
AP2210
also
features
individual
logic
compatible
enable/shutdown control inputs, a low power shutdown mode for
extended battery life, overcurrent protection, overtemperature
protection, and reversed current protection.
The AP2210 has 2.5V, 2.8V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V, and ADJ
versions.
The AP2210 is available in the space saving SOT-23-3 and SOT-23-5
packages.
Features
•
Up to 300mA Output Current
•
Excellent ESR Stability
•
Low Standby Current
•
Low Dropout Voltage: VDROP = 250mV at 300mA
•
High Output Accuracy: ±1%
•
Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100µA
•
Tight Load and Line Regulation
•
Low Temperature Coefficient
•
Over-Current Protection
•
Thermal Protection
•
Reverse Current Protection
•
Logic-controlled Enable
•
Moisture Sensitivity: Level 3 Per J-STD-020
•
Terminals: SOT-23-3/SOT-23-5 Finish—Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
•
Weight:
SOT-23-3: 0.014 grams (Approximate)
SOT-23-5: 0.015 grams (Approximate)
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
•
Lead-Free Packages, Available in “Green” Molding Compound:
SOT-23-3, SOT-23-5
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
3
2
1
GND
VOUT
VIN
Applications
•
Cellular Phones
•
Cordless Phones
•
Wireless Communicators
•
PDAs/Palmtops
•
PC Motherboards
•
Consumer Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
5
VIN
GND
EN
BYP/ADJ
VOUT
(Top View)
(Top View)
SOT-23-3
SOT-23-5


Similar Part No. - AP2210

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.8TRE1 BCDSEMI-AP2210K-2.8TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-3.0TR BCDSEMI-AP2210K-3.0TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
More results

Similar Description - AP2210

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com