Electronic Components Datasheet Search
  English  ▼

X  

AP2210 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2210 Datasheet HTML 10Page - Diodes Incorporated AP2210 Datasheet HTML 11Page - Diodes Incorporated AP2210 Datasheet HTML 12Page - Diodes Incorporated AP2210 Datasheet HTML 13Page - Diodes Incorporated AP2210 Datasheet HTML 14Page - Diodes Incorporated AP2210 Datasheet HTML 15Page - Diodes Incorporated AP2210 Datasheet HTML 16Page - Diodes Incorporated AP2210 Datasheet HTML 17Page - Diodes Incorporated AP2210 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
14 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
AP2210-3.6 Electrical Characteristics (Cont.) (VIN= 4.6V, IOUT = 100µA, CIN = 1.0µF, COUT = 2.2µF, VEN ≥ 2.0V, TJ = +25°C,
Bold typeface applies over -40°C ≤ TJ ≤ +125°C (Note 6), unless otherwise specified.)
Notes:
6. Specifications in bold type are limited to -40°C ≤ TJ ≤ +125°C. Limits over temperature are guaranteed by design, but not tested in production.
7. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
8. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
0.1mA to 300mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
9. Dropout voltage is defined as the input to output differential at which the output voltage drops 1% (TJ = +25oC) or 2% (-40oC ≤ TJ ≤ +125oC) below its
nominal value measured at 1V differential.
10. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
eno
Output Noise
IOUT = 50mA, COUT = 2.2µF,
100pF from BYP to GND
—
260
—
VIL
Enable Input Logic-low Voltage
Regulator shutdown
—
—
0.4
V
—
—
0.18
VIH
Enable Input Logic-high Voltage
Regulator enabled
2.0
—
—
V
IIL
Enable Input Logic-low Current
VIL ≤ 0.4V
—
0.01
1
µA
VIL ≤ 0.18V
—
—
2
IIH
Enable Input Logic-high Current
VIL ≥ 2.0V
—
5
20
µA
VIL ≥ 2.0V
—
—
25
Hz
nV /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com