Electronic Components Datasheet Search
  English  ▼

X  

AP2210 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP2210 Datasheet HTML 16Page - Diodes Incorporated AP2210 Datasheet HTML 17Page - Diodes Incorporated AP2210 Datasheet HTML 18Page - Diodes Incorporated AP2210 Datasheet HTML 19Page - Diodes Incorporated AP2210 Datasheet HTML 20Page - Diodes Incorporated AP2210 Datasheet HTML 21Page - Diodes Incorporated AP2210 Datasheet HTML 22Page - Diodes Incorporated AP2210 Datasheet HTML 23Page - Diodes Incorporated AP2210 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
20 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Performance Characteristics
Output Voltage vs. Junction Temperature
Dropout Voltage vs. Junction Temperature
Ground Pin Current vs. Output Current
Ground Pin Current vs. Junction Temperature
Enable Current vs. Junction Temperature
Enable Voltage vs. Junction Temperature
-50
-25
0
25
50
75
100
125
2.9850
2.9875
2.9900
2.9925
2.9950
2.9975
3.0000
3.0025
3.0050
3.0075
3.0100
3.0125
3.0150
Junction Temperature (oC)
AP2210-3.0
V
IN=4V, IOUT=10mA
C
IN=1.0µF, COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100 120 140
0
50
100
150
200
250
300
350
400
450
500
550
C
IN=1.0µF, COUT=2.2µF
Junction Temperature (oC)
IOUT=50mA
IOUT=100mA
IOUT=150mA
IOUT=300mA
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (mA)
T
A=25
oC
C
IN=1.0µF, COUT=2.2µF
-60
-40
-20
0
20
40
60
80
100 120 140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
OUT=50mA
I
OUT=100mA
I
OUT=150mA
I
OUT=300mA
Junction Temperature (oC)
AP2210-3.0
VIN=4V,CIN=1.0µF,COUT=2.2µF
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
Junction Temperature (oC)
AP2210-3.0
V
IN=4V, CIN=1.0µF
C
OUT=2.2µF, IOUT=100µA
V
EN=1.8V
V
EN=2.0V
V
EN=3.0V
V
EN=3.7V
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
EN=logic high
V
EN=logic low
AP2210-3.0
C
IN=1.0µF, COUT=2.2µF
V
IN=4V, IOUT=100µA
Junction Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com