Electronic Components Datasheet Search
  English  ▼

X  

AP2210 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP2210 Datasheet HTML 18Page - Diodes Incorporated AP2210 Datasheet HTML 19Page - Diodes Incorporated AP2210 Datasheet HTML 20Page - Diodes Incorporated AP2210 Datasheet HTML 21Page - Diodes Incorporated AP2210 Datasheet HTML 22Page - Diodes Incorporated AP2210 Datasheet HTML 23Page - Diodes Incorporated AP2210 Datasheet HTML 24Page - Diodes Incorporated AP2210 Datasheet HTML 25Page - Diodes Incorporated AP2210 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
22 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Performance Characteristics (Cont.)
Power Dissipation vs. Ambient Temperature
ESR vs. Output Current
ESR vs. Output Current
ESR vs. Output Current
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Ambient Temperature (oC)
AP2210-3.0
SOT-23-5 Package
No Heatsink
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=1µF
No Bypass Capacitor
Stable Area
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=2.2µF
No Bypass Capacitor
Stable Area
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=4.7µF
No Bypass Capacitor
Stable Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com