Electronic Components Datasheet Search
  English  ▼

X  

AP2210 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button AP2210 Datasheet HTML 20Page - Diodes Incorporated AP2210 Datasheet HTML 21Page - Diodes Incorporated AP2210 Datasheet HTML 22Page - Diodes Incorporated AP2210 Datasheet HTML 23Page - Diodes Incorporated AP2210 Datasheet HTML 24Page - Diodes Incorporated AP2210 Datasheet HTML 25Page - Diodes Incorporated AP2210 Datasheet HTML 26Page - Diodes Incorporated AP2210 Datasheet HTML 27Page - Diodes Incorporated AP2210 Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
24 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Ordering Information
AP2210 X - X X X
Packing
Package
TR : Tape & Reel
N : SOT-23-3
K : SOT-23-5
Product Name
Output Voltage
ADJ : Adjustable Output
2.8 : Fixed Output 2.8V
3.0 : Fixed Output 3.0V
3.3 : Fixed Output 3.3V
3.6 : Fixed Output 3.6V
4.0 : Fixed Output 4.0V
2.5 : Fixed Output 2.5V
5.0 : Fixed Output 5.0V
G1 : Green
E1/G1
E1 : RoHS Compliant
Package
Temperature
Range
Part Number
Marking ID
Packing
RoHS Compliant
Green
RoHS
Compliant
Green
SOT-23-3
-40°C to +85°C
AP2210N-2.8TRE1
(Note 11)
AP2210N-2.8TRG1
EH3
GH3
3000/Tape &
Reel
AP2210N-3.0TRE1
(Note 11)
AP2210N-3.0TRG1
EH4
GH4
3000/Tape &
Reel
AP2210N-3.3TRE1
(Note 11)
AP2210N-3.3TRG1
EH5
GH5
3000/Tape &
Reel
—
AP2210N-3.6TRG1
—
GB7
3000/Tape &
Reel
—
AP2210N-4.0TRG1
—
GC7
3000/Tape &
Reel
—
AP2210N-5.0TRG1
—
GH9
3000/Tape &
Reel
SOT-23-5
-40°C to +85°C
AP2210K-2.5TRE1
(Note 11)
—
E5C
—
3000/Tape &
Reel
AP2210K-2.8TRE1
(Note 11)
AP2210K-2.8TRG1
E5F
G5F
3000/Tape &
Reel
AP2210K-3.0TRE1
(Note 11)
AP2210K-3.0TRG1
E5H
G5H
3000/Tape &
Reel
AP2210K-3.3TRE1
(Note 11)
AP2210K-3.3TRG1
E5K
G5K
3000/Tape &
Reel
—
AP2210K-3.6TRG1
—
G5I
3000/Tape &
Reel
—
AP2210K-4.0TRG1
—
G5J
3000/Tape &
Reel
—
AP2210K-5.0TRG1
—
G5L
3000/Tape &
Reel
—
AP2210K-ADJTRG1
—
G5M
3000/Tape &
Reel
Notes:
11. Not recommended for new design.
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com