Electronic Components Datasheet Search
  English  ▼

X  

ADP3192 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 8Page - Analog Devices ADP3192 Datasheet HTML 9Page - Analog Devices ADP3192 Datasheet HTML 10Page - Analog Devices ADP3192 Datasheet HTML 11Page - Analog Devices ADP3192 Datasheet HTML 12Page - Analog Devices ADP3192 Datasheet HTML 13Page - Analog Devices ADP3192 Datasheet HTML 14Page - Analog Devices ADP3192 Datasheet HTML 15Page - Analog Devices ADP3192 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP3192
Rev. 0 | Page 12 of 32
To increase the current in any given phase, enlarge RSW for that
phase (make RSW = 0 for the hottest phase and do not change it
during balancing). Increasing RSW to only 500 Ω makes a
substantial increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the coolest
phase first.
VOLTAGE CONTROL MODE
A high gain, high bandwidth, voltage mode error amplifier is
used for the voltage mode control loop. The control input
voltage to the positive input is set via the VID logic according to
the voltages listed in Table 4.
This voltage is also offset by the droop voltage for active
positioning of the output voltage as a function of current,
commonly known as active voltage positioning. The output
of the amplifier is the COMP pin, which sets the termination
voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
Resistor RB and is used for sensing and controlling the output
voltage at this point. A current source (equal to IREF) from the
FB pin flowing through RB is used for setting the no load offset
voltage from the VID voltage. The no load voltage is negative
with respect to the VID DAC. The main loop compensation is
incorporated into the feedback network between FB and COMP.
CURRENT REFERENCE
The IREF pin is used to set an internal current reference. This
reference current sets IFB, IDELAY, ISS, ILIMIT, and ITTSENSE. A resistor
to ground programs the current based on the 1.5 V output.
IREF
R
IREF
V
5
.
1
=
Typically, RIREF is set to 100 kΩ to program IREF = 15 μA. The
following currents are then equal to
IFB
= IREF = 15 μA
IDELAY
= IREF = 15 μA
ISS
= IREF = 15 μA
ILIMIT
= 2/3 (IREF) = 10 μA
ENHANCED PWM MODE
Enhanced PWM mode is intended to improve the transient
response of the ADP3192 to a load setup. In previous
generations of controllers, when a load step up occurred, the
controller had to wait until the next turn-on of the PWM signal
to respond to the load change. Enhanced PWM mode allows
the controller to immediately respond when a load step up
occurs. This allows the phases to respond more quickly when a
load increase takes place.
DELAY TIMER
The delay times for the start-up timing sequence are set with
a capacitor from the DELAY pin to ground. In UVLO, or when
EN is logic low, the DELAY pin is held at ground. After the
UVLO and EN signals are asserted, the first delay time (TD1 in
Figure 7) is initiated. A current flows out of the DELAY pin to
charge CDLY. This current is equal to IREF, which is normally
15 μA. A comparator monitors the DELAY voltage with a
threshold of 1.7 V. The delay time is therefore set by the IREF
current charging a capacitor from 0 V to 1.7 V. This DELAY pin
is used for multiple delay timings (TD1, TD3, and TD5) during
the start-up sequence. Also, DELAY is used for timing the
current-limit latch off, as explained in the Current-Limit, Short-
Circuit, and Latch-Off Protection section.
SOFT START
The soft start times for the output voltage are set with a
capacitor from the SS pin to ground. After TD1 and the phase
detection cycle have been completed, the SS time (TD2 in
Figure 7) starts. The SS pin is disconnected from GND, and
the capacitor is charged up to the 1.1 V boot voltage by the
SS amplifier, which has an output current equal to IREF
(normally 15 μA). The voltage at the FB pin follows the ramping
voltage on the SS pin, limiting the inrush current during
startup. The soft start time depends on the value of the boot
voltage and CSS.
Once the SS voltage is within 100 mV of the boot voltage, the
boot voltage delay time (TD3 in Figure 7) is started. The end of
the boot voltage delay time signals the beginning of the second
soft start time (TD4 in Figure 7). The SS voltage now changes
from the boot voltage to the programmed VID DAC voltage
(either higher or lower) using the SS amplifier with the output
current equal to IREF. The voltage of the FB pin follows the
ramping voltage of the SS pin, limiting the inrush current
during the transition from the boot voltage to the final DAC
voltage. The second soft start time depends on the boot voltage,
the programmed VID DAC voltage, and CSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com